Electronic Components Datasheet Search
  English  ▼

X  

PCM5101PW Datasheet(PDF) 5 Page - Texas Instruments

Part # PCM5101PW
Description  2VRMS DirectPath™, 112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM5101PW Datasheet(HTML) 5 Page - Texas Instruments

  PCM5101PW Datasheet HTML 1Page - Texas Instruments PCM5101PW Datasheet HTML 2Page - Texas Instruments PCM5101PW Datasheet HTML 3Page - Texas Instruments PCM5101PW Datasheet HTML 4Page - Texas Instruments PCM5101PW Datasheet HTML 5Page - Texas Instruments PCM5101PW Datasheet HTML 6Page - Texas Instruments PCM5101PW Datasheet HTML 7Page - Texas Instruments PCM5101PW Datasheet HTML 8Page - Texas Instruments PCM5101PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
PCM5100, PCM5101, PCM5102
www.ti.com
SLAS764B – MAY 2011 – REVISED SEPTEMBER 2012
ELECTRICAL CHARACTERISTICS (continued)
All specifications at TA = 25°C, AVDD = CPVDD = DVDD = 3.3V, fS = 48kHz, system clock = 512 fS and 24-bit data unless
otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Dynamic Performance (PCM Mode)(2)(3) (Values shown for three devices PCM5102/PCM5101/PCM5100)
fS = 48kHz
–93/–92/–90
-83/ -82/ -80
THD+N at –1 dBFS(3)
fS = 96kHz
–93/–92/–90
fS = 192kHz
–93/–92/–90
Dynamic range(3)
EIAJ, A-weighted, fS = 48kHz
106/ 100/ 95
112/106/100
EIAJ, A-weighted, fS = 96kHz
112/106/100
EIAJ, A-weighted, fS = 192kHz
112/106/100
Signal-to-noise ratio(3)
EIAJ, A-weighted, fS = 48kHz
112/106/100
dB
EIAJ, A-weighted, fS = 96kHz
112/106/100
EIAJ, A-weighted, fS = 192kHz
112/106/100
Signal to noise ratio with
EIAJ, A-weighted, fS = 48kHz
113
123
analog mute(3)(4)
EIAJ, A-weighted, fS = 96kHz
123
EIAJ, A-weighted, fS = 192kHz
123
Channel Separation
fS = 48 kHz
100/ 95/ 90
109/103/97
fS = 96kHz
109/103/97
fS = 192kHz
109/103/97
Analog Output
Output voltage
2.1
VRMS
Gain error
–6
±2.0
6
% of FSR
Gain mismatch, channel-to-
–6
±2.0
6
% of FSR
channel
Bipolar zero error
At bipolar zero
–5
±1.0
5
mV
Load impedance
1
k
Ω
Filter Characteristics–1: Normal
Pass band
0.45fS
Stop band
0.55fS
Stop band attenuation
–60
dB
Pass-band ripple
±0.02
Delay time
20/fS
s
Filter Characteristics–2: Low Latency
Pass band
0.47fS
Stop band
0.55fS
Stop band attenuation
–52
dB
Pass-band ripple
±0.0001
Delay time
3.5/fS
s
(2)
Filter condition: THD+N: 20Hz HPF, 20kHz AES17 LPF Dynamic range: 20Hz HPF, 20kHz AES17 LPF, A-weighted Signal-to-noise
ratio: 20Hz HPF, 20kHz AES17 LPF, A-weighted Channel separation: 20Hz HPF, 20kHz AES17 LPF Analog performance specifications
are measured using the System Two Cascade™ audio measurement system by Audio Precision™ in the RMS mode.
(3)
Output load is 10k
Ω, with 470Ω output resistor and a 2.2nF shunt capacitor (see recommended output filter).
(4)
Assert XSMT or both L-ch and R-ch PCM data are BPZ
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: PCM5100 PCM5101 PCM5102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com