Electronic Components Datasheet Search
  English  ▼

X  

PCM5101PW Datasheet(PDF) 14 Page - Texas Instruments

Part # PCM5101PW
Description  2VRMS DirectPath™, 112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM5101PW Datasheet(HTML) 14 Page - Texas Instruments

Back Button PCM5101PW Datasheet HTML 10Page - Texas Instruments PCM5101PW Datasheet HTML 11Page - Texas Instruments PCM5101PW Datasheet HTML 12Page - Texas Instruments PCM5101PW Datasheet HTML 13Page - Texas Instruments PCM5101PW Datasheet HTML 14Page - Texas Instruments PCM5101PW Datasheet HTML 15Page - Texas Instruments PCM5101PW Datasheet HTML 16Page - Texas Instruments PCM5101PW Datasheet HTML 17Page - Texas Instruments PCM5101PW Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
DATA
LRCK
1tS
L- channel
R- channel
MSB
LSB
MSB
LSB
DATA
MSB
LSB
MSB
LSB
Audio data word = 16-bit, BCK = 32, 48, 64fS
DATA
MSB
LSB
MSB
LSB
BCK
16
15
2
1
16
15
2
1
24
23
2
24
23
2
1
32
31
2
1
32
31
2
1
1
Audio data word = 24-bit, BCK = 48, 64fS
Audio data word = 32-bit, BCK = 64fS
LRCK
LSB
L-channel
R-channel
BCK
DATA
MSB
LSB
MSB
LSB
16
15
2
1
16
15
2
1
-
,
DATA
MSB
LSB
MSB
2
1
24
2
2
1
24
23
DATA
MSB
LSB
MSB
LSB
2
1
32
31
2
1
32
31
1tS
Audio data word = 16-bit, BCK = 32, 48, 64fS
Audio data word = 24-bit, BCK = 48, 64fS
Audio data word = 32-bit, BCK = 64fS
PCM5100, PCM5101, PCM5102
SLAS764B – MAY 2011 – REVISED SEPTEMBER 2012
www.ti.com
Left Justified Data Format; L-channel = HIGH, R-channel = LOW
Figure 14. Left Justified Audio Data Format
I2S Data Format; L-channel = LOW, R-channel = HIGH
Figure 15. I2S Audio Data Format
14
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Links: PCM5100 PCM5101 PCM5102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com