Electronic Components Datasheet Search
  English  ▼

X  

PCM5101PW Datasheet(PDF) 23 Page - Texas Instruments

Part # PCM5101PW
Description  2VRMS DirectPath™, 112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM5101PW Datasheet(HTML) 23 Page - Texas Instruments

Back Button PCM5101PW Datasheet HTML 19Page - Texas Instruments PCM5101PW Datasheet HTML 20Page - Texas Instruments PCM5101PW Datasheet HTML 21Page - Texas Instruments PCM5101PW Datasheet HTML 22Page - Texas Instruments PCM5101PW Datasheet HTML 23Page - Texas Instruments PCM5101PW Datasheet HTML 24Page - Texas Instruments PCM5101PW Datasheet HTML 25Page - Texas Instruments PCM5101PW Datasheet HTML 26Page - Texas Instruments PCM5101PW Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
0.9 * DVDD
0.1 * DVDD
2.0 V
1.2 V
XSMT
tf
Digital Attenuation Followed by Analog Mute
Analog Mute
System
VDD
XSMT
7.25kW
2.75kW
12V
supply
PCM5100, PCM5101, PCM5102
www.ti.com
SLAS764B – MAY 2011 – REVISED SEPTEMBER 2012
External Power Sense Undervoltage Protection mode (supported only when DVDD = 3.3V)
The XSMT pin can also be used to monitor a system voltage, such as the 24VDC LCD TV backlight, or 12VDC
system supply using a potential divider created with two resistors. (See Figure 35 )
•
If the XSMT pin makes a transition from 1 to 0 over 6ms or more, the device will switch into external under-
voltage protection mode. In this mode, two trigger levels are used.
•
When XSMT pin level reaches 2V, soft mute process begins.
•
When XSMT pin level reaches 1.2V, analog mute will engage, regardless of digital audio level, and analog
shut down will begin. (For example, DAC circuitry powers down).
A timing diagram to show this is shown in Figure 36.
NOTE
The XSMT input pins voltage range is from –0.3V to DVDD + 0.3V.The ratio of external
resistors must be considered within this input range. Any increase in power supply (such
as power supply positive noise/ripple) can pull the XSMT pin higher than DVDD+0.3V.
For example, if the PCM510x is monitoring a 12V input, and dividing the voltage by 4, then the voltage at XSMT
during ideal power supply conditions will be 3V. If the voltage spikes any higher than 14.4V, then XSMT will see
a voltage in excess of 3.6V (DVDD+0.3), potentially damaging the device.
Providing the divider is set appropriately, any DC voltage can be monitored.
Figure 35. XSMT in External UVP Mode
Figure 36. XSMT Timing for Undervoltage Protection
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: PCM5100 PCM5101 PCM5102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com