Electronic Components Datasheet Search
  English  ▼

X  

PCM5101PW Datasheet(PDF) 3 Page - Texas Instruments

Part # PCM5101PW
Description  2VRMS DirectPath™, 112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM5101PW Datasheet(HTML) 3 Page - Texas Instruments

  PCM5101PW Datasheet HTML 1Page - Texas Instruments PCM5101PW Datasheet HTML 2Page - Texas Instruments PCM5101PW Datasheet HTML 3Page - Texas Instruments PCM5101PW Datasheet HTML 4Page - Texas Instruments PCM5101PW Datasheet HTML 5Page - Texas Instruments PCM5101PW Datasheet HTML 6Page - Texas Instruments PCM5101PW Datasheet HTML 7Page - Texas Instruments PCM5101PW Datasheet HTML 8Page - Texas Instruments PCM5101PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
PCM5100, PCM5101, PCM5102
www.ti.com
SLAS764B – MAY 2011 – REVISED SEPTEMBER 2012
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
DEVICE INFORMATION
TERMINAL FUNCTIONS, PCM510x
PCM510x (top view)
Table 2. TERMINAL FUNCTIONS, PCM510x
TERMINAL
I/O
DESCRIPTION
NAME
NO.
CPVDD
1
—
Charge pump power supply, 3.3V
CAPP
2
O
Charge pump flying capacitor terminal for positive rail
CPGND
3
—
Charge pump ground
CAPM
4
O
Charge pump flying capacitor terminal for negative rail
VNEG
5
O
Negative charge pump rail terminal for decoupling, -3.3V
OUTL
6
O
Analog output from DAC left channel
OUTR
7
O
Analog output from DAC right channel
AVDD
8
-—
Analog power supply, 3.3V
AGND
9
—
Analog ground
DEMP
10
I
De-emphasis control for 44.1kHz sampling rate(1): Off (Low) / On (High)
FLT
11
I
Filter select : Normal latency (Low) / Low latency (High)
SCK
12
I
System clock input(1)
BCK
13
I
Audio data bit clock input(1)
DIN
14
I
Audio data input(1)
LRCK
15
I
Audio data word clock input(1)
FMT
16
I
Audio format selection : I2S (Low) / Left justified (High)
XSMT
17
I
Soft mute control(1): Soft mute (Low) / soft un-mute (High)
LDOO
18
—
Internal logic supply rail terminal for decoupling
DGND
19
—
Digital ground
DVDD
20
—
Digital power supply, 3.3V
(1)
Failsafe LVCMOS Schmitt trigger input
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: PCM5100 PCM5101 PCM5102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com