Electronic Components Datasheet Search
  English  ▼

X  

PCM5101PW Datasheet(PDF) 28 Page - Texas Instruments

Part # PCM5101PW
Description  2VRMS DirectPath™, 112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM5101PW Datasheet(HTML) 28 Page - Texas Instruments

Back Button PCM5101PW Datasheet HTML 24Page - Texas Instruments PCM5101PW Datasheet HTML 25Page - Texas Instruments PCM5101PW Datasheet HTML 26Page - Texas Instruments PCM5101PW Datasheet HTML 27Page - Texas Instruments PCM5101PW Datasheet HTML 28Page - Texas Instruments PCM5101PW Datasheet HTML 29Page - Texas Instruments PCM5101PW Datasheet HTML 30Page - Texas Instruments PCM5101PW Datasheet HTML 31Page - Texas Instruments PCM5101PW Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
PCM5100, PCM5101, PCM5102
SLAS764B – MAY 2011 – REVISED SEPTEMBER 2012
www.ti.com
REVISION HISTORY
Changes from Revision Initial Release (May 2011) to Revision A
Page
•
Changed layout of first two pages ........................................................................................................................................ 1
•
Deleted "Device Power Dissipation" row .............................................................................................................................. 4
•
Changed "VOUT = -1 dB" to " -1 dBFS" in THD+N .............................................................................................................. 5
•
Changed reference to correct footnote ................................................................................................................................. 6
•
Changed Updated plot .......................................................................................................................................................... 7
•
Changed tSCKH and tSCKL values to 9ns. .............................................................................................................................. 11
•
Removed 48kHz sample rate with PLL-generated clock .................................................................................................... 12
•
Added BCK frequency max for convenience ...................................................................................................................... 13
•
Added PCM510x application diagram, PLL Operation ....................................................................................................... 26
REVISION HISTORY
Changes from Revision A (March 2012) to Revision B
Page
•
fixed typos associated with the term "sample frequency" ..................................................................................................... 1
28
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Links: PCM5100 PCM5101 PCM5102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com