Electronic Components Datasheet Search
  English  ▼

X  

PCM5101PW Datasheet(PDF) 6 Page - Texas Instruments

Part # PCM5101PW
Description  2VRMS DirectPath™, 112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM5101PW Datasheet(HTML) 6 Page - Texas Instruments

Back Button PCM5101PW Datasheet HTML 2Page - Texas Instruments PCM5101PW Datasheet HTML 3Page - Texas Instruments PCM5101PW Datasheet HTML 4Page - Texas Instruments PCM5101PW Datasheet HTML 5Page - Texas Instruments PCM5101PW Datasheet HTML 6Page - Texas Instruments PCM5101PW Datasheet HTML 7Page - Texas Instruments PCM5101PW Datasheet HTML 8Page - Texas Instruments PCM5101PW Datasheet HTML 9Page - Texas Instruments PCM5101PW Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
PCM5100, PCM5101, PCM5102
SLAS764B – MAY 2011 – REVISED SEPTEMBER 2012
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
All specifications at TA = 25°C, AVDD = CPVDD = DVDD = 3.3V, fS = 48kHz, system clock = 512 fS and 24-bit data unless
otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Power Supply Requirements
DVDD
Digital supply voltage
Target DVDD = 3.3V
3.0
3.3
3.6
AVDD
Analog supply voltage
3.0
3.3
3.6
VDC
CPVDD
Charge-pump suply voltage
3.0
3.3
3.6
fS = 48kHz
7
12
IDD
DVDD supply current at 3.3V
(5)
fS = 96kHz
8
mA
fS = 192kHz
9
fS = 48kHz
8
13
IDD
DVDD supply current at 3.3V
(6)
fS = 96kHz
9
mA
fS = 192kHz
10
IDD
DVDD supply current at 3.3V
(7)
0.5
0.8
mA
fS = 48kHz
11
16
AVDD / CPVDD Supply
ICC
fS = 96kHz
11
mA
Current(5)
fS = 192kHz
11
fS = 48kHz
22
32
AVDD / CPVDD Supply
ICC
fS = 96kHz
22
mA
Current(6)
fS = 192kHz
22
AVDD / CPVDD Supply
fS = n/a
0.2
0.4
ICC
mA
Current(7)
fS = 48kHz
59.4
92.4
Power Dissipation, DVDD =
fS = 96kHz
62.7
mW
3.3V(5)
fS = 192kHz
66.0
fS = 48kHz
99.0
148.5
Power Dissipation, DVDD =
fS = 96kHz
102.3
mW
3.3V(6)
fS = 192kHz
105.6
Power Dissipation, DVDD =
fS = n/a (Power Down Mode)
2.3
4.0
mW
3.3V(7)
(5)
Input is Bipolar Zero data.
(6)
Input is 1kHz -1dBFS data
(7)
Power Down Mode
6
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Links: PCM5100 PCM5101 PCM5102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com