Electronic Components Datasheet Search
  English  ▼

X  

PCM5101PW Datasheet(PDF) 1 Page - Texas Instruments

Part # PCM5101PW
Description  2VRMS DirectPath™, 112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM5101PW Datasheet(HTML) 1 Page - Texas Instruments

  PCM5101PW Datasheet HTML 1Page - Texas Instruments PCM5101PW Datasheet HTML 2Page - Texas Instruments PCM5101PW Datasheet HTML 3Page - Texas Instruments PCM5101PW Datasheet HTML 4Page - Texas Instruments PCM5101PW Datasheet HTML 5Page - Texas Instruments PCM5101PW Datasheet HTML 6Page - Texas Instruments PCM5101PW Datasheet HTML 7Page - Texas Instruments PCM5101PW Datasheet HTML 8Page - Texas Instruments PCM5101PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
Current
Segment
DAC
Current
Segment
DAC
Zero
Data
Detector
UVP/Reset
PLL Clock
Power
Supply
Ch. Pump
POR
Clock Halt
Detection
Advanced Mute Control
MCK
BCK
LRCK
LINE OUT
DIN (i2s)
PCM510x
CPVDD (3.3V)
AVDD (3.3V)
DVDD (3.3V)
GND
PCM5100, PCM5101, PCM5102
www.ti.com
SLAS764B – MAY 2011 – REVISED SEPTEMBER 2012
2VRMS DirectPath™, 112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
Check for Samples: PCM5100, PCM5101, PCM5102
1
FEATURES
Typical Performance (3.3V Power Supply)
23
•
Market-Leading Low Out-of-Band Noise
Parameter
PCM5102 / PCM5101 /
•
Selectable Digital-Filter Latency and
PCM5100
Performance
SNR
112 / 106 / 100dB
•
No DC Blocking Capacitors Required
Dynamic Range
112 / 106 / 100dB
•
Integrated Negative Charge Pump
THD+N @ - 1dBFS
–93 / –92 / –90dB
Full Scale Output
2.1VRMS (GND center)
•
Internal Pop-Free Control For Sample-Rate
Changes Or Clock Halts
Normal 8× Oversampling Digital Filter Latency: 20/fS
Low Latency 8× Oversampling Digital Filter Latency: 3.5/fS
•
Intelligent Muting System; Soft Up or Down
Ramp and Analog Mute For 120dB Mute SNR
Sampling Frequency
8kHz to 384kHz
With Popless Operation.
System Clock Multiples (fSCK): 64, 128, 192, 256, 384, 512,
768, 1024, 1152, 1536, 2048, 3072; up to 50 MHz
•
Integrated High-Performance Audio PLL With
BCK Reference To Generate SCK Internally
•
Small 20-pin TSSOP Package
Figure 1. PCM510x Functional Block Diagram
OTHER KEY FEATURES
•
Single Supply Operation:
•
Accepts 16-, 24-, And 32-Bit Audio Data
–
3.3V Analog, 3.3V Digital
•
PCM Data Formats: I2S, Left-Justified
•
Integrated Power-On Reset
•
Automatic Power-Save Mode When LRCK And
BCK Are Deactivated.
•
3.3V Failsafe LVCMOS Digital Inputs
•
Hardware Configuration
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
System Two Cascade, Audio Precision are trademarks of Audio Precision.
3
DirectPath is a trademark of Texas, Instruments, Inc..
PRODUCTION DATA information is current as of publication date.
Copyright © 2011–2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - PCM5101PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM5101PW TI1-PCM5101PW Datasheet
795Kb / 31P
2VRMS DirectPath, 112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
MAY2011
PCM5101PW TI1-PCM5101PW Datasheet
1Mb / 35P
384kHz PCM Interface
PCM5101PWR TI1-PCM5101PWR Datasheet
795Kb / 31P
2VRMS DirectPath, 112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
MAY2011
PCM5101PWR TI1-PCM5101PWR Datasheet
1Mb / 35P
384kHz PCM Interface
More results

Similar Description - PCM5101PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM5100 TI1-PCM5100 Datasheet
795Kb / 31P
2VRMS DirectPath, 112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
MAY2011
PCM5100A TI1-PCM5100A Datasheet
793Kb / 32P
2VRMS DirectPath?? 112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5102-Q1 TI1-PCM5102-Q1 Datasheet
1Mb / 31P
2VRMS DirectPath?? 112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5141 TI1-PCM5141 Datasheet
2Mb / 110P
2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5121 TI1-PCM5121 Datasheet
2Mb / 107P
2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5101APWR TI1-PCM5101APWR Datasheet
1Mb / 35P
112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5121 TI1-PCM5121_14 Datasheet
2Mb / 108P
2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5141 TI1-PCM5141_14 Datasheet
2Mb / 111P
2VRMS DirectPath?? 112/106dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PCM5242 TI-PCM5242_15 Datasheet
2Mb / 128P
PCM5242 4.2-VRMS DirectPath?? 114-dB Audio Stereo Differential-Output DAC with 32-bit, 384-kHz PCM Interface
PCM5100 TI1-PCM5100_15 Datasheet
1Mb / 35P
384kHz PCM Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com