Electronic Components Datasheet Search
  English  ▼

X  

EGC2015FFM Datasheet(PDF) 59 Page - Eaton All Rights Reserved.

Part # EGC2015FFM
Description  Circuit Breakers
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

EGC2015FFM Datasheet(HTML) 59 Page - Eaton All Rights Reserved.

Back Button EGC2015FFM Datasheet HTML 55Page - Eaton All Rights Reserved. EGC2015FFM Datasheet HTML 56Page - Eaton All Rights Reserved. EGC2015FFM Datasheet HTML 57Page - Eaton All Rights Reserved. EGC2015FFM Datasheet HTML 58Page - Eaton All Rights Reserved. EGC2015FFM Datasheet HTML 59Page - Eaton All Rights Reserved. EGC2015FFM Datasheet HTML 60Page - Eaton All Rights Reserved. EGC2015FFM Datasheet HTML 61Page - Eaton All Rights Reserved. EGC2015FFM Datasheet HTML 62Page - Eaton All Rights Reserved. EGC2015FFM Datasheet HTML 63Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 59 / 63 page
background image
Volume 9—OEM—Original Equipment Manufacturer
CA08100011E—February 2014 www.eaton.com
V9-T1-59
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1.3
Circuit Protection
Rotary Disconnect Switches
DC Rated Disconnects
Features
●
Switching technology
●
Up to 600 Vdc according to UL 98/CSA
●
Up to 1000 Vdc according to IEC 947-3
R9 Series DC Rated Disconnects
Product Selection
Front Operation—Three- and Four-Pole
Notes
1 Defeatable handle.
2 Top (line side).
3 Bottom (load side).
4 Top or bottom (line or load side).
Ampere
Rating
Number
of Poles
Switch
Body
Direct Handle
External Handle
(Choose One)
Shaft for External
Handle
In (mm) (Choose One)
Auxiliary Contacts
(Choose One)
Terminals
Shroud
Terminal Lugs
Jumpers for
Connecting
Poles in Series
100
3
R9D3100UDC
DHR9DE
S2 Type
Black
1, 3R, 12 1
PHB2N12F
Red/Yellow
1, 3R, 12 1
PHR2N12F
Black
4, 4X 1
PHB2N4XF
Red/Yellow
4, 4X 1
PHR2N4XF
7.90 (200.0)
SF200PH10X10
12.60 (320.0)
SF320PH10X10
15.7 0 (400.0)
SF400PH10X10
C Type
1st Contact
NO+NC
AC1NONCDE
C Type
2nd Contact
NO+NC
AC2NONCDE
3P 2
TS3R9DT
3P 3
TS3R9DB
4P 4
TS4R9DTB
3P 4
LK3R9DL
4P 4
LK4R9DL
2 pieces
DCJUMPD2
3 pieces
DCJUMPD3
4
R9D4100UDC
200
3
R9D3200UDC
4
R9D4200UDC
400
3
R9E3400UDC
3P 2
TS3R9ET
3P 3
TS3R9EB
4P 4
TS4R9ETB
3P 4
LK3R9EM
4P 4
LK4R9EM
2 pieces
DCJUMPE2
3 pieces
DCJUMPE3
4
R9E4400UDC
+
++
Switch body
Direct handle
Switch body
Shaft
External handle
+
+
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com