Electronic Components Datasheet Search
  English  ▼

X  

EGC2015FFM Datasheet(PDF) 22 Page - Eaton All Rights Reserved.

Part # EGC2015FFM
Description  Circuit Breakers
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

EGC2015FFM Datasheet(HTML) 22 Page - Eaton All Rights Reserved.

Back Button EGC2015FFM Datasheet HTML 18Page - Eaton All Rights Reserved. EGC2015FFM Datasheet HTML 19Page - Eaton All Rights Reserved. EGC2015FFM Datasheet HTML 20Page - Eaton All Rights Reserved. EGC2015FFM Datasheet HTML 21Page - Eaton All Rights Reserved. EGC2015FFM Datasheet HTML 22Page - Eaton All Rights Reserved. EGC2015FFM Datasheet HTML 23Page - Eaton All Rights Reserved. EGC2015FFM Datasheet HTML 24Page - Eaton All Rights Reserved. EGC2015FFM Datasheet HTML 25Page - Eaton All Rights Reserved. EGC2015FFM Datasheet HTML 26Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 63 page
background image
V9-T1-22
Volume 9—OEM—Original Equipment Manufacturer
CA08100011E—February 2014 www.eaton.com
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1.1
Circuit Protection
Circuit Breakers
Accessories
Type QCR and QCF
Description
Catalog Number
Steel mounting clip mounts QCR breaker if individual mounting is required. Quantity two
required for single- and two-pole and four required for three-pole breakers.
QCRMTGFT
Removable padlock device for single-pole QCR or QCF breaker.
QCRFPL1P
Removable padlock device for multi-pole QCR or QCF breaker.
QCRFPLMP
Padlock bracket assembly for QCR or QCF single- or multi-pole breakers (OFF only).
QCRFLOFF
Padlock bracket for QCR, lock-off only.
QCRPLOFF
QUICKLAG Type C Spacer
QCRSPACER
QCR and QCF ring or spade lug terminals (10–30A ratings only). Factory installed line and load
side terminals each equipped with a #10-32 screw suitable for terminating one 10 AWG wire
with insulated ring or spade type terminal as shown.
Suffix “T”
QUICKLAG Type C
Spacer
QCR and QCF Ring or
Spade Lug Terminals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com