Electronic Components Datasheet Search
  English  ▼

X  

EGC2015FFM Datasheet(PDF) 49 Page - Eaton All Rights Reserved.

Part # EGC2015FFM
Description  Circuit Breakers
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

EGC2015FFM Datasheet(HTML) 49 Page - Eaton All Rights Reserved.

Back Button EGC2015FFM Datasheet HTML 45Page - Eaton All Rights Reserved. EGC2015FFM Datasheet HTML 46Page - Eaton All Rights Reserved. EGC2015FFM Datasheet HTML 47Page - Eaton All Rights Reserved. EGC2015FFM Datasheet HTML 48Page - Eaton All Rights Reserved. EGC2015FFM Datasheet HTML 49Page - Eaton All Rights Reserved. EGC2015FFM Datasheet HTML 50Page - Eaton All Rights Reserved. EGC2015FFM Datasheet HTML 51Page - Eaton All Rights Reserved. EGC2015FFM Datasheet HTML 52Page - Eaton All Rights Reserved. EGC2015FFM Datasheet HTML 53Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 63 page
background image
Volume 9—OEM—Original Equipment Manufacturer
CA08100011E—February 2014 www.eaton.com
V9-T1-49
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1.3
Circuit Protection
Rotary Disconnect Switches
Product Selection
R5 Series
Accessories
Notes
1 Toggle version includes direct handle.
2 Available Q2 2011.
3 Includes shaft and accessory cap.
Ampere
Rating
Three-Pole Toggle
Switch Only 1
Three-Pole Rotary
Switch Only
Direct
Handle
Front and Right
External Handle SH00
(Choose One)
Front and Right
External Handle SH0
(Choose One)
Three-Position Front
External Handle
SH00 (Black) 2
Shaft for SH0 and
SH00—5 x 5 mm—
In (mm)
16
—
R5A3016U
DHR5
SH00
Black
3R, 12
SHB00N12
SH00
Red
3R, 12
SHR00N12
SH00
Black
4, 4X
SHB00N4X
SH00
Red
4, 4X
SHR00N4X
SH0
Black
3R, 12
SHB0N12
SH0
Red
3R, 12
SHR0N12
SH0
Black
4, 4X
SHB0N4X
SH0
Red
4, 4X
SHR0N4X
SH00
4, 4X
I–0–II
Open transition
SHB00MTSOT
SH00
4, 4X
I–I+II–II
Closed transition
SHB00MTSCT
2.20 (55.5)
SF55SH5X5
3.50 (90.0)
SF90SH5X5
5.90 (150.0)
SF150SH5X5
7.90 (200.0)
SF200SH5X5
12.60 (320.0)
SF320SH5X5
25
—
R5A3025U
30
T5A3030U
R5A3030U
40
T5A3040U
R5A3040U
60
T5B3060U
R5B3060U
80
T5B3080U
R5B3080U
+
++
Switch body
Direct handle
Switch body
Shaft
External handle
+
+
+
Direct Operation
External Operation
Ampere
Rating
Switched Fourth-Pole
Module
Unswitched Neutral
Module
Auxiliary Contacts
(Choose One)
Terminal
Shrouds
Conversion Kit
(Choose One) 2
Door
Mounting Kit 3
16
S4PR516
UNMR5A
1NO + 1NC
AC1NON
2NO
AC2N
1P
TS1R5A
3P
TS3R5A
6/8 pole
CKR568
Changeover switch
Open transition
I–0–II
MTSCKR5OT
Changeover switch
Closed transition
I–I+II–II
MTSCKR5CT
DMK
25
S4PR525
30
S4PR530
40
S4PR540
60
S4PR560 2
UNMR5B
1P
TS1R5B
3P
TS3R5B
80
S4PR580 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com