| Electronic Components Datasheet Search |
|
EGC2015FFM Datasheet(PDF) 24 Page - Eaton All Rights Reserved. |
|
|
|||||||||||||||||||||||||||||
EGC2015FFM Datasheet(HTML) 24 Page - Eaton All Rights Reserved. |
|
24 / 63 page ![]() V9-T1-24 Volume 9—OEM—Original Equipment Manufacturer CA08100011E—February 2014 www.eaton.com 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1.1 Circuit Protection Circuit Breakers Accessories Type QC Miniature Circuit Breakers Notes 1 See Page V9-T1-22 for QCR and QCF accessories. 2 Can lock in ON or OFF position. 3 Suitable for ground fault breakers. Accessory 1 Description Catalog Number Handle locks: Non-padlockable 2 QUICKLAG type P, B, C—single-pole QL1NPL QUICKLAG type P, B, C—two-, three-pole QL23NPL Handle locks: Padlockable QUICKLAG type P, B, C—single-pole QL1PL QUICKLAG type C—single-, two-, three-pole QC123PL QUICKLAG type C—single-, two-, three-pole (off only) QCD123PLOFF Handle tie QUICKLAG handle tie—single-pole QL1HT QUICKLAG handle tie—three-pole QL3HT Mounting hardware QUICKLAG type C face mounting clip QCFCLIP QUICKLAG type C face mounting plate—single-pole QC1FP QUICKLAG type C face mounting plate —two-pole QC2FP QUICKLAG type C face mounting plate —three-pole QC3FP QUICKLAG type C face mounting plate and lock-off (off only)—two-pole 3 QC2FPLOFF QUICKLAG type C face mounting plate and lock-off (off only)—three-pole QC3FPLOFF QUICKLAG type C base mounting clamp QCBCLIP QUICKLAG base mounting plate—six poles total QC6BP QUICKLAG type C base mounting plate, six-poles total— heavy-duty screw-secured QC6BPS QUICKLAG type C (QCD) two-way jumper unit with cover QCDJ2 QUICKLAG type C (QCD) four-way jumper unit with cover QCDJ4 QUICKLAG type C (QCD) six-way jumper unit with cover QCDJ6 QUICKLAG type C (QCD) two-way jumper unit, no cover QCDJ2T QUICKLAG type C (QCD) four-way jumper unit, no cover QCDJ4T QUICKLAG type C (QCD) six-way jumper unit, no cover QCDJ6T QUICKLAG type QCD finger protection attachment QCDFP QUICKLAG type C DIN rail adapter QCDINADAPT Handle Locks Handle Tie Hardware |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |