Electronic Components Datasheet Search
  English  ▼

X  

EGC2015FFM Datasheet(PDF) 53 Page - Eaton All Rights Reserved.

Part # EGC2015FFM
Description  Circuit Breakers
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

EGC2015FFM Datasheet(HTML) 53 Page - Eaton All Rights Reserved.

Back Button EGC2015FFM Datasheet HTML 49Page - Eaton All Rights Reserved. EGC2015FFM Datasheet HTML 50Page - Eaton All Rights Reserved. EGC2015FFM Datasheet HTML 51Page - Eaton All Rights Reserved. EGC2015FFM Datasheet HTML 52Page - Eaton All Rights Reserved. EGC2015FFM Datasheet HTML 53Page - Eaton All Rights Reserved. EGC2015FFM Datasheet HTML 54Page - Eaton All Rights Reserved. EGC2015FFM Datasheet HTML 55Page - Eaton All Rights Reserved. EGC2015FFM Datasheet HTML 56Page - Eaton All Rights Reserved. EGC2015FFM Datasheet HTML 57Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 63 page
background image
Volume 9—OEM—Original Equipment Manufacturer
CA08100011E—February 2014 www.eaton.com
V9-T1-53
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1.3
Circuit Protection
Rotary Disconnect Switches
Product Selection
R9 Series Non-Fusible 100–1200A
Notes
1 Top (line side) supplied as standard.
2 Auxiliary contact requires holder (catalog number ACHFG) when used on F and G Frame switches (non-fusible 600–1200A).
3 Each catalog number is for line or load side. For both line and load, please order two sets.
Ampere Rating
(Frame)
Number
of Poles
Switch
Body Only
Direct
Handle
Door Interlocked
External Pistol Handle
(Choose One)
Shaft Extensions for
External Handle—
In (mm)
(Choose One)
Auxiliary
Contacts
Terminal Screens
(Choose One)
Terminal
Lugs 3
100
(D Frame)
3
R9D3100U
DHR9DE
Size 2, Black
1, 3R, 12
Defeatable
PHB2N12F
Size 2, Red
1, 3R, 12
Defeatable
PHR2N12F
Size 2, Black
4, 4X
Defeatable
PHB2N4XF
Size 2, Red
4, 4X
Defeatable
PHR2N4XF
7.90 (200.0)
SF200PH10X10
12.60 (320.0)
SF320PH10X10
15.70 (400.0)
SF400PH10X10
19.70 (500.0)
SF500PH10X10
1NO + 1NC
AC1N0NCDE
AC1N0NCDELL
2NO + 2NC
AC2N0NCDE
AC2N0NCDELL
3-pole, Line side only
TS3R9DT
3-pole, Load side only
TS3R9DB
4-pole, Line or load side
TS4R9DTB
LK3R9DL
4
R9D4100U
LK4R9DL
200
(D Frame)
3
R9D3200U
LK3R9DL
4
R9D4200U
LK4R9DL
400
(E Frame)
3
R9E3400U
3-pole, Line side only
TS3R9ET
3-pole, Load side only
TS3R9EB
4-pole, Line or load side
TS4R9ETB
LK3R9EM
4
R9E4400U
LK4R9EM
600
(F Frame)
3
R9F3600U
DHR9FG
Size 3, Black
4, 4X
Defeatable
PHB3N4XF
Size 3, Red
4, 4X
Defeatable
PHR3N4XF
Size 4, Black
4, 4X
Defeatable
PHB4N4XF
Size 4, Red
4, 4X
Defeatable
PHR4N4XF
7.90 (200.0)
SF200PH15X12
12.60 (320.0)
SF320PH15X12
1.70 (400.0)
SF400PH15X12
19.7 (500.0)
SF500PH15X12
1NO AC U Type
AC1N0R9 2
1NC AC U Type
AC1NCR9 2
TS3R9F 1
LK3R9FN
4
R9F4600U
TS4R9F 1
LK4R9FN
800
(G Frame)
3
R9G3800U
TS3R9G 1
LK6R9G
LK8R9G
4
R9G4800U
TS4R9G 1
1000
(G Frame)
3
R9G31000U
4
R9G41000U
1200
(G Frame)
3
R9G31200U
4
R9G41200U
+
++
Switch body
Direct handle
Switch body
Shaft
External handle
+
+
+
Direct Operation
External Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com