Electronic Components Datasheet Search
  English  ▼

X  

EGC2015FFM Datasheet(PDF) 43 Page - Eaton All Rights Reserved.

Part # EGC2015FFM
Description  Circuit Breakers
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

EGC2015FFM Datasheet(HTML) 43 Page - Eaton All Rights Reserved.

Back Button EGC2015FFM Datasheet HTML 39Page - Eaton All Rights Reserved. EGC2015FFM Datasheet HTML 40Page - Eaton All Rights Reserved. EGC2015FFM Datasheet HTML 41Page - Eaton All Rights Reserved. EGC2015FFM Datasheet HTML 42Page - Eaton All Rights Reserved. EGC2015FFM Datasheet HTML 43Page - Eaton All Rights Reserved. EGC2015FFM Datasheet HTML 44Page - Eaton All Rights Reserved. EGC2015FFM Datasheet HTML 45Page - Eaton All Rights Reserved. EGC2015FFM Datasheet HTML 46Page - Eaton All Rights Reserved. EGC2015FFM Datasheet HTML 47Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 63 page
background image
Volume 9—OEM—Original Equipment Manufacturer
CA08100011E—February 2014 www.eaton.com
V9-T1-43
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1.1
Circuit Protection
Circuit Breakers
Magnum IEC 60947-2 Rated Low Voltage Air Circuit Breakers
Note
1 Interrupting ratings shown based on breaker equipped with integral Digitrip RMS trip unit. Interruption ratings for non-automatic breakers are
equal to the published breaker Icw rating.
rms Symmetrical Current Ratings kA 1
Fixed
Internal
Inst. Trip
Available Current Sensor and Rating
Plugs for Digitrip RMS Trip Unit
(Establishes Breaker In Rating)
Frame
Amperes
Breaker
Type
Frame
Type
Interrupting at
240 Vac ICU = ICS
Interrupting at
440 Vac ICU = ICS
Interrupting at
690 Vac ICU = ICS
Withstand Rating
ICW 1-Sec/3-Sec
800
MWN-408
Narrow
40
40
40
40/—
—
200, 250, 300, 400, 630, 800
MWN-508
Narrow
50505050/—
—
MWN-608
Narrow
65656565/40
—
MWI-608
Standard
65
65
65
65/—
—
MWI-808
Standard
85
85
85
85/65
—
MWI-C08
Standard
100
100
85
85/65
85
1000
MWN-410
Narrow
40
40
40
40/—
—
200, 250, 300, 400, 630, 800, 1000
MWN-510
Narrow
50505050/—
—
MWN-610
Narrow
65656565/40
—
MWI-610
Standard
65
65
65
65/—
—
MWI-810
Standard
85
85
85
85/65
—
MWI-C10
Standard
100
100
85
85/65
85
1250
MWN-412
Narrow
40
40
40
40/—
—
200, 250, 300, 400, 630, 800, 1000, 1250
MWN-512
Narrow
50505050/—
—
MWN-612
Narrow
65656565/40
—
MWI-612
Standard
65
65
65
65/—
—
MWI-812
Standard
85
85
85
85/65
—
MWI-C12
Standard
100
100
85
85/65
85
1600
MWN-516
Narrow
50
50
50
50/—
—
200, 250, 300, 400, 630, 800, 1000, 1250,
1600
MWN-616
Narrow
65656565/40
—
MWI-616
Standard
65
65
65
65/—
—
MWI-816
Standard
85
85
85
85/65
—
MWI-C16
Standard
100
100
85
85/65
85
2000
MWN-520
Narrow
50
50
50
50/30
—
200, 250, 300, 400, 630, 800, 1000, 1250,
1600, 2000
MWN-620
Narrow
65656565/40
—
MWI-620
Standard
65
65
65
65/50
—
MWI-820
Standard
85
85
85
85/65
—
MWI-C20
Standard
100
100
85
85/65
85
2500
MWI-625
Standard
65
65
65
65/—
—
200, 250, 300, 400, 630, 800, 1000, 1250,
1600, 2000, 2500
MWI-825
Standard
85
85
85
85/65
—
MWI-C25
Standard
100
100
85
85/65
85
3200
MWI-632
Standard
65
65
65
65/50
—
200, 250, 300, 400, 630, 800, 1000, 1250,
1600, 2000, 2500, 3200
MWI-832
Standard
85
85
85
85/65
—
MWI-C32
Standard
100
100
85
85/65
85
4000
MWI-64N
Double
65
65
65
65/—
—
2000, 2500, 3200, 4000
MWI-84N
Double
85858585/—
—
MWI-C4N
Double
100
100
100
100/—
—
5000
MWI-85N
Double
85
85
85
85/—
—
2500, 3200, 4000, 5000
MWI-C5N
Double
100
100
100
100/—
—
6300
MWI-86N
Double
85
85
85
85/—
—
3200, 4000, 5000, 6300
MWI-C6N
Double
100
100
100
100/—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com