Electronic Components Datasheet Search
  English  ▼

X  

EGC2015FFM Datasheet(PDF) 28 Page - Eaton All Rights Reserved.

Part # EGC2015FFM
Description  Circuit Breakers
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

EGC2015FFM Datasheet(HTML) 28 Page - Eaton All Rights Reserved.

Back Button EGC2015FFM Datasheet HTML 24Page - Eaton All Rights Reserved. EGC2015FFM Datasheet HTML 25Page - Eaton All Rights Reserved. EGC2015FFM Datasheet HTML 26Page - Eaton All Rights Reserved. EGC2015FFM Datasheet HTML 27Page - Eaton All Rights Reserved. EGC2015FFM Datasheet HTML 28Page - Eaton All Rights Reserved. EGC2015FFM Datasheet HTML 29Page - Eaton All Rights Reserved. EGC2015FFM Datasheet HTML 30Page - Eaton All Rights Reserved. EGC2015FFM Datasheet HTML 31Page - Eaton All Rights Reserved. EGC2015FFM Datasheet HTML 32Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 63 page
background image
V9-T1-28
Volume 9—OEM—Original Equipment Manufacturer
CA08100011E—February 2014 www.eaton.com
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1.1
Circuit Protection
Circuit Breakers
FAZ UL 1077 Circuit Breakers
Features
●
UL 1077 recognized DIN rail mounted supplemental
protectors up to 63A
●
Current limiting design provides fast short-circuit interruption
that reduces let-through energy
●
Thermal-magnetic overcurrent protection
●
Three levels of short-circuit protection, categorized by B, C
and D curves
●
Ideal replacement for fuses that are applied as supplemental
protection
●
Complete line of accessories
Catalog Number Selection
FAZ UL 1077 Circuit Breakers
FAZ UL 1077
Note
1 In = Rated current for instantaneous trip characteristics.
Breaker Family
FAZ = Supplementary
protector
Ampere Rating
0.5
=0.5A
1
=1A
2
=2A
3
=3A
4
=4A
5
=5A
6
=6A
7
=7A
8
=8A
10
=10A
13 = 13A
15 = 15A
16 = 16A
20 = 20A
25 = 25A
30 = 30A
32 = 32A
40 = 40A
50 = 50A
63 = 63A
Trip
Characteristics 1
B = 3–5X In
C = 5–10X In
D = 10–20X In
K = 8–12X In
S = 13–17X In
Z = 2–3X In
Number of Poles
1 = Single-pole
2 = Two-pole
3 = Three-pole
4
= Single-pole
1N = Single-pole +
neutral
3N = Three-pole +
neutral
Single Package
SP
= Single packaging of single-
pole curve B, C and D for
select amperes only
Blank = Standard packaging
FAZ C 6 / 1 SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com