Electronic Components Datasheet Search
  English  ▼

X  

EGC2015FFM Datasheet(PDF) 38 Page - Eaton All Rights Reserved.

Part # EGC2015FFM
Description  Circuit Breakers
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

EGC2015FFM Datasheet(HTML) 38 Page - Eaton All Rights Reserved.

Back Button EGC2015FFM Datasheet HTML 34Page - Eaton All Rights Reserved. EGC2015FFM Datasheet HTML 35Page - Eaton All Rights Reserved. EGC2015FFM Datasheet HTML 36Page - Eaton All Rights Reserved. EGC2015FFM Datasheet HTML 37Page - Eaton All Rights Reserved. EGC2015FFM Datasheet HTML 38Page - Eaton All Rights Reserved. EGC2015FFM Datasheet HTML 39Page - Eaton All Rights Reserved. EGC2015FFM Datasheet HTML 40Page - Eaton All Rights Reserved. EGC2015FFM Datasheet HTML 41Page - Eaton All Rights Reserved. EGC2015FFM Datasheet HTML 42Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 63 page
background image
V9-T1-38
Volume 9—OEM—Original Equipment Manufacturer
CA08100011E—February 2014 www.eaton.com
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1.1
Circuit Protection
Circuit Breakers
Magnum ANSI/UL Low Voltage Air Circuit Breaker Cassettes
Cassette Family
M = Standard or double frame
L = Narrow frame
S = SB standard or double frame
T = SB narrow frame
Continuous Amperes
16 = Up to 1600A
20 = Up to 2000A
32 = 2500 to 3200A
40 = 4000A
50 = 5000A
Poles
3 = Three-pole
4 = Four-pole
Cassette Frame and Rear Terminals
P = Basic cassette
(without vertical bus stabs)
C = Basic cassette with stabs
(with vertical bus stab kit)
H = Narrow frame cassette
(with horizontal terminal pads)
U = Universal cassette
(with universal terminal pads)
Future Use
E = SB cassette (150 kAIC)
N = Cassettes (up to 100 kA)
L = MDSL cassettes (200 kA)
X = MDSX cassettes (200 kA)
D = MDDX breaker
Arc Hood
A = Arc hood installed
Door Frame and Gasket Kit
DN = Door frame and gasket kit included
XN = Door frame and gasket kit not included
Cassette Shipping
CA = Cassette only
BA = Breaker shipped in cassette
Cassette Wiring
N = Unwired
W = Cassettes wired
Future Use
NNN = All cassettes
Shutters
N = No shutters
S = Shutters installed
M E 32 3 C A DN N NNN W C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com