Electronic Components Datasheet Search
  English  ▼

X  

EGC2015FFM Datasheet(PDF) 12 Page - Eaton All Rights Reserved.

Part # EGC2015FFM
Description  Circuit Breakers
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

EGC2015FFM Datasheet(HTML) 12 Page - Eaton All Rights Reserved.

Back Button EGC2015FFM Datasheet HTML 8Page - Eaton All Rights Reserved. EGC2015FFM Datasheet HTML 9Page - Eaton All Rights Reserved. EGC2015FFM Datasheet HTML 10Page - Eaton All Rights Reserved. EGC2015FFM Datasheet HTML 11Page - Eaton All Rights Reserved. EGC2015FFM Datasheet HTML 12Page - Eaton All Rights Reserved. EGC2015FFM Datasheet HTML 13Page - Eaton All Rights Reserved. EGC2015FFM Datasheet HTML 14Page - Eaton All Rights Reserved. EGC2015FFM Datasheet HTML 15Page - Eaton All Rights Reserved. EGC2015FFM Datasheet HTML 16Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 63 page
background image
V9-T1-12
Volume 9—OEM—Original Equipment Manufacturer
CA08100011E—February 2014 www.eaton.com
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1.1
Circuit Protection
Circuit Breakers
High Performance Rotary Handle Mechanisms (Complete Kit Includes Handle, Shaft and Mechanism)
External Accessories
Notes
1 Compatible with three-pole and four-pole EG breakers only.
2 Provision only.
3 See Volume 4—Circuit Protection, CA08100005E, Tab 2, for bolt projection dimensions.
4 Castell bolt mounting hole must be 10 mm.
5 Requires two breakers.
Color
Rating Type
UL
IP
EG Frame 1
Catalog Number
JG Frame
Catalog Number
LG Frame
Catalog Number
Black/blue
1/12/3R
20/54/55
EGHMVD06B
JGHMVD06B
LGHMVD06B
EGHMVD12B
JGHMVD12B
LGHMVD12B
EGHMVD24B
JGHMVD24B
LGHMVD24B
Red/yellow
1/12/3R
20/54/55
EGHMVD06R
JGHMVD06R
LGHMVD06R
EGHMVD12R
JGHMVD12R
LGHMVD12R
EGHMVD24R
JGHMVD24R
LGHMVD24R
Black/blue
4/4X
66
EGHMVD06BX
JGHMVD06BX
LGHMVD06BX
EGHMVD12BX
JGHMVD12BX
LGHMVD12BX
EGHMVD24BX
JGHMVD24BX
LGHMVD24BX
Red/yellow
4/4X
66
EGHMVD06RX
JGHMVD06RX
LGHMVD06RX
EGHMVD12RX
JGHMVD12RX
LGHMVD12RX
EGHMVD24RX
JGHMVD24RX
LGHMVD24RX
Description
Fit Type
Frame
EG
JG
LG
Non-padlockable handle block
Field
EFHB
—
—
Padlockable handle block
Field
EFPHB
—
—
Padlockable handle block off-only
Field
EFPHBOFF
FJPHBOFF
LBHPOFF
Padlockable handle lock hasp
Field
EFPHL
FJPHL
LPHL
Padlockable handle lock hasp off-only
Field
EFPHLOFF
FJPHLOFF
LPHLOFF
Kirk key interlock kit 23
Field
—
KYKJG
KYKLG
Castell key interlock kit 34
Field
—
CTKJG
CTKLG
Slide bar interlock 5
Field
EFSBI
FJSBI
LGSBI
Walking beam interlock
Three-pole
EG3WBI
JG3WBI
LG3WBI
Four-pole
EG4WBI
JG4WBI
LG4WBI
Electrical operator
120/240 Vac
MOPEG240C
MOPJG240C
MOPLG240C
125 Vdc
MOPEG240C
MOPJG240C
MOPLG240C
Plug-in adapters
Three-pole
PAD3E
PAD3J
PAD3L
Four-pole
PAD4E
PAD4J
PAD4L
Rear connecting studs
Field
EFRCSDL
FJRCSDL
3P–LRCS3WK
EFRCSDS
FJRCSDS
4P–LRCS4WK
EFRCSWL
FJRCSWL
—
EFRCSWS
FJRCSWS
—
Rotary Handle
Mechanisms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com