Electronic Components Datasheet Search
  English  ▼

X  

EGC2015FFM Datasheet(PDF) 42 Page - Eaton All Rights Reserved.

Part # EGC2015FFM
Description  Circuit Breakers
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

EGC2015FFM Datasheet(HTML) 42 Page - Eaton All Rights Reserved.

Back Button EGC2015FFM Datasheet HTML 38Page - Eaton All Rights Reserved. EGC2015FFM Datasheet HTML 39Page - Eaton All Rights Reserved. EGC2015FFM Datasheet HTML 40Page - Eaton All Rights Reserved. EGC2015FFM Datasheet HTML 41Page - Eaton All Rights Reserved. EGC2015FFM Datasheet HTML 42Page - Eaton All Rights Reserved. EGC2015FFM Datasheet HTML 43Page - Eaton All Rights Reserved. EGC2015FFM Datasheet HTML 44Page - Eaton All Rights Reserved. EGC2015FFM Datasheet HTML 45Page - Eaton All Rights Reserved. EGC2015FFM Datasheet HTML 46Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 63 page
background image
V9-T1-42
Volume 9—OEM—Original Equipment Manufacturer
CA08100011E—February 2014 www.eaton.com
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1.1
Circuit Protection
Circuit Breakers
Magnum SB Switchboard Class UL 1066 Insulated Case Low Voltage Power Circuit Breakers
Notes
1 Interrupting ratings shown based on breaker equipped with integral Digitrip RMS trip unit. Interruption ratings for non-automatic breakers are equal to the
published short time current rating. These interruption ratings are based on the standard duty cycle consisting of an open operation, a 15-second interval
and a close-open operation, in succession, with delayed tripping in case of short-delay devices. The standard duty cycle for short time ratings consists of
maintaining the rated current for two periods of 1/2 seconds each, with a 15-second interval of zero current between the two periods.
2 Product to be tested. Contact Eaton for product rating.
3 Magnum SBSE current limiting power circuit breaker with fast opening contacts.
4 Breaker applied in a tested fan-cooled enclosure.
Frame
Type
RMS Symmetrical Current Ratings kA 50/60 Hz 1
Short Time
Current Rating
Frame
Amperes
Interrupting at 254 Vac
Interrupting at 508 Vac
Interrupting at 635 Vac
Breaker Type 2
Narrow
50503520
800
SBN-508
65
65
42
20
SBN-608
100
100
65
20
SBN-C08
Standard
65
65
65
20
800
SBS-608
100
100
85
20
SBS-C08
200
150
2
30
SBS-E08 3
Narrow
50503525
1200
SBN-512
65
65
42
25
SBN-612
100
100
65
25
SBN-C12
Standard
65
65
65
25
1200
SBS-612
100
100
85
25
SBS-C12
200
150
2
30
SBS-E12 3
Narrow
50503530
1600
SBN-516
65
65
42
30
SBN-616
100
100
65
30
SBN-C16
Standard
65
65
65
30
1600
SBS-616
100
100
85
30
SBS-C16
200
150
2
30
SBS-E16 3
Narrow
65656535
2000
SBN-620
100
100
65
35
SBN-C20
Standard
65
65
65
35
2000
SBS-620
100
100
85
35
SBS-C20
200
150
2
30
SBS-E20 3
65
65
65
45
2500
SBS-625
100
100
85
45
SBS-C25
Double
200
150
2
50
SBS-E25 3
Standard
65
65
65
50
3000
SBS-630
100
100
85
50
SBS-C30
Double
200
150
2
50
SBS-E30 3
Double (N)
85
85
3
85
4000
SBN-840
100
100
3
100
SBN-C40
Double
85858585
SBS-840
100
100
100
100
SBS-C40
200
150
2
50
SBS-E40 3
85
85
85
85
5000
SBS-850
100
100
100
100
SBS-C50
200
150
2
50
SBS-E50 34
100
100
100
100
6000
SBS-C60 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com