Electronic Components Datasheet Search
  English  ▼

X  

TCA9803 Datasheet(PDF) 16 Page - Texas Instruments

Part # TCA9803
Description  TCA9803 Level-Translating I2C Bus Buffer/Repeater
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TCA9803 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TCA9803 Datasheet HTML 12Page - Texas Instruments TCA9803 Datasheet HTML 13Page - Texas Instruments TCA9803 Datasheet HTML 14Page - Texas Instruments TCA9803 Datasheet HTML 15Page - Texas Instruments TCA9803 Datasheet HTML 16Page - Texas Instruments TCA9803 Datasheet HTML 17Page - Texas Instruments TCA9803 Datasheet HTML 18Page - Texas Instruments TCA9803 Datasheet HTML 19Page - Texas Instruments TCA9803 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
16
TCA9803
SCPS267B – MARCH 2017 – REVISED FEBRUARY 2020
www.ti.com
Product Folder Links: TCA9803
Submit Documentation Feedback
Copyright © 2017–2020, Texas Instruments Incorporated
10 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
10.1 Application Information
10.1.1 Device Selection Guide
The TCA980x family has 4 different variants, with different strengths of the internal current source as shown in
Table 5.
Table 5. TCA980x Family
Part Number
ICS: Current Source Value
TCA9800
0.54 mA
TCA9801
1.1 mA
TCA9802
2.2 mA
TCA9803
3.3 mA
It is acceptable to select the TCA9803 as the default, since it is able to drive 400-pF bus capacitance loads at
400 kHz. For system designers looking to optimize selection, see the Detailed Design Procedure section for
single device for detailed examples of how to select a part number for a specific application.
10.1.2 Special Considerations for the B-side
The TCA980x supports many types of connections between other TCA980x and other buffers/translators. Care
must be taken to ensure that all of the B-side requirements be satisfied. For example, FET/pass-gate based
translators typically cannot be used on the B-side, because they require pull-up resistors on both sides, and
when one side is pulling low, the FET/switch closes, likely causing IEXT-I to be violated (See the IEXT-I section for
more information).
The FET or Pass-Gate Translators and Buffered Translators/Level-shifters sections list some use-cases that are
not supported or require special considerations when connected to the B-ports, note that these considerations
only apply to the B-side of the TCA980x family.
10.1.2.1 FET or Pass-Gate Translators
Some translators are based on pass-gates for translation support. In most of the use cases, external pull-up
resistors are required to pull the bus to the voltage rail.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com