Electronic Components Datasheet Search
  English  ▼

X  

TCA9803 Datasheet(PDF) 7 Page - Texas Instruments

Part # TCA9803
Description  TCA9803 Level-Translating I2C Bus Buffer/Repeater
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TCA9803 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TCA9803 Datasheet HTML 3Page - Texas Instruments TCA9803 Datasheet HTML 4Page - Texas Instruments TCA9803 Datasheet HTML 5Page - Texas Instruments TCA9803 Datasheet HTML 6Page - Texas Instruments TCA9803 Datasheet HTML 7Page - Texas Instruments TCA9803 Datasheet HTML 8Page - Texas Instruments TCA9803 Datasheet HTML 9Page - Texas Instruments TCA9803 Datasheet HTML 10Page - Texas Instruments TCA9803 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
IOLA - Low Level Current (mA)
0
2
4
6
8
10
12
14
16
18
20
0
15
30
45
60
75
90
105
120
D005
-40qC
25qC
85qC
125qC
TA - Ambient Temperature (°C)
-40
-25
-10
5
20
35
50
65
80
95
110 125
0
0.5
1
1.5
2
2.5
3
D006
0.8 V
1.8 V
2.5 V
3.6 V
IOLA - Low Level Current (mA)
0
2
4
6
8
10
12
14
16
18
20
0
30
60
90
120
150
180
210
VCCB = 1.65 V
D003
-40qC
25qC
85qC
125qC
IOLA - Low Level Current (mA)
0
2
4
6
8
10
12
14
16
18
20
0
25
50
75
100
125
150
VCCB = 2.5 V
D004
-40qC
25qC
85qC
125qC
TA - Ambient Temperature (°C)
-40
-25
-10
5
20
35
50
65
80
95
110 125
2.9
3
3.1
3.2
3.3
3.4
D001
1.8 V
2.5 V
3.3 V
TA - Ambient Temperature (°C)
-40
-25
-10
5
20
35
50
65
80
95
110 125
10
15
20
25
30
35
40
45
50
55
60
D002
IOLA = 6 mA
1.8 V
2.5 V
3.3 V
7
TCA9803
www.ti.com
SCPS267B – MARCH 2017 – REVISED FEBRUARY 2020
Product Folder Links: TCA9803
Submit Documentation Feedback
Copyright © 2017–2020, Texas Instruments Incorporated
7.8 Typical Characteristics
Figure 1. Current Source vs Ambient Temperature for
Different VCCB
Figure 2. A-Side Output Low Voltage vs Ambient
Temperature for Different VCCB (IOLA = 6 mA)
Figure 3. A-Side Output Low Voltage vs Low Level Current
for Different TA (VCCB = 1.65 V)
Figure 4. A-Side Output Low Voltage vs Low Level Current
for Different TA (VCCB = 2.5 V)
Figure 5. A-Side Output Low Voltage vs Low Level Current
for Different TA (VCCB = 3.6 V)
Figure 6. Operating Current A-Side vs Ambient Temperature
for Different VCCA (A-Side = VCCA & GND)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com