Electronic Components Datasheet Search
  English  ▼

X  

TCA9803 Datasheet(PDF) 27 Page - Texas Instruments

Part # TCA9803
Description  TCA9803 Level-Translating I2C Bus Buffer/Repeater
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TCA9803 Datasheet(HTML) 27 Page - Texas Instruments

Back Button TCA9803 Datasheet HTML 23Page - Texas Instruments TCA9803 Datasheet HTML 24Page - Texas Instruments TCA9803 Datasheet HTML 25Page - Texas Instruments TCA9803 Datasheet HTML 26Page - Texas Instruments TCA9803 Datasheet HTML 27Page - Texas Instruments TCA9803 Datasheet HTML 28Page - Texas Instruments TCA9803 Datasheet HTML 29Page - Texas Instruments TCA9803 Datasheet HTML 30Page - Texas Instruments TCA9803 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 38 page
background image
BUS
MASTER
400 kHz
SDA
SCL
1.65 V
5 k
5 k
EN
SDAA
SCLA
SDAB
SCLB
VCCA VCCB
TCA980x
SDA
SCL
SLAVE
400 kHz
3.3 V
EN
SDAA
SCLA
SDAB
SCLB
VCCA VCCB
TCA980x
1.65 V
BUS A
BUS B
BUS C
Copyright © 2017, Texas Instruments Incorporated
27
TCA9803
www.ti.com
SCPS267B – MARCH 2017 – REVISED FEBRUARY 2020
Product Folder Links: TCA9803
Submit Documentation Feedback
Copyright © 2017–2020, Texas Instruments Incorporated
NOTE: B-sides of TCA980x devices may never be connected to each other, because the IEXT-I specification limit
is violated. See the IEXT-I for more information.
NOTE: The B-side may not be connected to another translator if it uses a static-voltage offset. The RILC spec is
violated since the static voltage offset adjusts the output resistance to ground to be outside of the RILC spec
requirement, causing the TCA980x to be unable to recognize a low.
Figure 34. Series Use Case
NOTE
Decoupling capacitors are not shown to keep the illustration simple. Decoupling capacitors
(1 µF and 0.1 µF) must be placed close to each power supply pin.
10.2.4.1 Design Requirements
The system designer must first select the correct variant of the TCA980x family for the load. In order to do this,
the information in Table 10 and Table 11 must be known. The setup in Figure 34 is used for these example
design requirements.
Table 10. Design Requirements for Bus B / 1st TCA980x
Parameter
Description
Acceptable Range
Example Value/Target
CL
Load capacitance (bus capacitance) on B-
side
up to 400 pF
300 pF
tr
Rise time
up to 300 ns
≤ 200 ns
VCCA
VCCA supply voltage
0.8 V-3.6 V
1.65 V
VCCB
VCCB supply voltage
1.65 V-3.6 V
3.3 V
fSCL
I2C clock frequency
400 kHz
Table 11. Design Requirements for Bus C / 2nd TCA980x
Parameter
Description
Acceptable Range
Example Value/Target
CL
Load capacitance (bus capacitance) on B-
side
up to 400 pF
100 pF
tr
Rise time
up to 300 ns
≤ 250 ns
VCCA
VCCA supply voltage
0.8 V-3.6 V
3.3 V
VCCB
VCCB supply voltage
1.65 V-3.6 V
1.65 V
fSCL
I2C clock frequency
400 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com