Electronic Components Datasheet Search
  English  ▼

X  

TCA9803 Datasheet(PDF) 13 Page - Texas Instruments

Part # TCA9803
Description  TCA9803 Level-Translating I2C Bus Buffer/Repeater
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TCA9803 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TCA9803 Datasheet HTML 9Page - Texas Instruments TCA9803 Datasheet HTML 10Page - Texas Instruments TCA9803 Datasheet HTML 11Page - Texas Instruments TCA9803 Datasheet HTML 12Page - Texas Instruments TCA9803 Datasheet HTML 13Page - Texas Instruments TCA9803 Datasheet HTML 14Page - Texas Instruments TCA9803 Datasheet HTML 15Page - Texas Instruments TCA9803 Datasheet HTML 16Page - Texas Instruments TCA9803 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
13
TCA9803
www.ti.com
SCPS267B – MARCH 2017 – REVISED FEBRUARY 2020
Product Folder Links: TCA9803
Submit Documentation Feedback
Copyright © 2017–2020, Texas Instruments Incorporated
9.4 Device Functional Modes
Table 1 shows the TCA980x function table.
Table 1. Enable Function Table
INPUT
EN
FUNCTION
L
Outputs disabled
H
SDAA = SDAB
SCLA = SCLB
Table 2 lists the TCA980x B-Side current source functions.
Table 2. B-Side Current Source Function Table
VCCB
FUNCTION
L
Current sources disabled, weak pull-up is connected with back-power protection
H
Current sources enabled
9.4.1 Device Operation Considerations
9.4.1.1 B-Side Input Low (VIL/IILC/RILC)
The TCA980x family utilizes the current source on the B side to determine whether an external device is driving
the bus low, or if it is driving the bus low itself. As such, there are some parameters that must be met to ensure a
successful transmission of a low from the B-side to the A-side. These parameters are listed in Table 3.
Table 3. B-side Input Low-Level Parameters
PARAMETER
SHORT DESCRIPTION
DETAILED INFORMATION
VIL
Low-level input voltage
The input voltage that is interpreted as a low. On the B-side, IILC must
also be satisfied to maintain a low
See the VILC & IILC section
IILC
Low-level input current
(contention)
The minimum amount of current that an external device must be sinking
from the TCA980x to transmit a low. VIL must also be satisfied
See the VILC & IILC section
RILC
Low-level allowed pull-
down resistance
The maximum allowed pull-down resistance of an external device in
order to successful transmit a low
See the RILC section
9.4.1.1.1
VILC & IILC
The IILC parameter is the minimum amount of current that the external device must sink from the TCA980x in
order for the TCA980x to accept the low on the B-side.
In order for the TCA980x to accept a low on the B-side, both VIL and IILC parameters must be satisfied. In an idle
bus condition (both A and B sides are high), meeting the VIL threshold with an external device pull-down meets
the IILC requirement, since the pull-down has to sink the entire ICS (current source value) current before the
voltage on the pin falls.
In a contention situation (the A-side is being driven low externally, and the B-side is driven low by the TCA980x),
the VIL requirement is already satisfied by the TCA980x alone (Since the output low voltage is less than the VIL
threshold). In order for a device on the B-side to over-drive the A-side, it must sink the IILC value for the TCA980x
to accept that the low is now being driven by the B-side. This helps reduce or eliminate overshoot during the
hand off between a slave an master during a clock-stretching event, or an acknowledge.
External pull-up resistors on the B-side are not allowed for this reason. As the additional current provided by
them may hinder an external device from being able to satisfy the TCA980x's IILC requirement. For more
information on this and allowed external current into the device, see the Input and Output Leakage Current (IEXT-
I/IEXT-O) section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com