Electronic Components Datasheet Search
  English  ▼

X  

TCA9803 Datasheet(PDF) 23 Page - Texas Instruments

Part # TCA9803
Description  TCA9803 Level-Translating I2C Bus Buffer/Repeater
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TCA9803 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TCA9803 Datasheet HTML 19Page - Texas Instruments TCA9803 Datasheet HTML 20Page - Texas Instruments TCA9803 Datasheet HTML 21Page - Texas Instruments TCA9803 Datasheet HTML 22Page - Texas Instruments TCA9803 Datasheet HTML 23Page - Texas Instruments TCA9803 Datasheet HTML 24Page - Texas Instruments TCA9803 Datasheet HTML 25Page - Texas Instruments TCA9803 Datasheet HTML 26Page - Texas Instruments TCA9803 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
BUS
MASTER
400 kHz
SDA
SCL
5 k
5 k
EN
SDAA
SCLA
SDAB
SCLB
VCCA VCCB
TCA980x
SDA
SCL
SLAVE
400 kHz
2.5 V
Copyright © 2017, Texas Instruments Incorporated
tr - Rise Time (ns)
0
50
100
150
200
250
300
0
100
200
300
400
D001
VCCB = 3.6 V
TCA9800
TCA9801
TCA9802
TCA9803
23
TCA9803
www.ti.com
SCPS267B – MARCH 2017 – REVISED FEBRUARY 2020
Product Folder Links: TCA9803
Submit Documentation Feedback
Copyright © 2017–2020, Texas Instruments Incorporated
Figure 28. Maximum Load Capacitance vs Rise Time (400-kHz I2C, VCCB = 3.6 V)
10.2.2 Buffering Without Level-Shifting
The TCA980x family supports buffering use cases which do not need level-shifting or voltage-translation.
It is critical to note that there are no external sources of current allowed on the B-side ports, since this can affect
device operation as shown in the IEXT-I section.
Figure 29. Buffering Use Case Without Level-Shifting
NOTE
Decoupling capacitors are not shown to keep the illustration simple. Decoupling capacitors
(1 µF and 0.1 µF) must be placed close to each power supply pin.
10.2.2.1 Design Requirements
The system designer must first select the correct variant of the TCA980x family for the load. In order to do this,
the information in Table 7 must be known. The setup in Figure 29 is used for these example design
requirements.
Table 7. Design Requirements
Parameter
Description
Acceptable Range
Example Value/Target
CL
Load capacitance (bus capacitance) on B-
side
up to 400 pF
200 pF
tr
Rise time
up to 300 ns
≤ 300 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com