Electronic Components Datasheet Search
  English  ▼

X  

TCA9803 Datasheet(PDF) 5 Page - Texas Instruments

Part # TCA9803
Description  TCA9803 Level-Translating I2C Bus Buffer/Repeater
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TCA9803 Datasheet(HTML) 5 Page - Texas Instruments

  TCA9803 Datasheet HTML 1Page - Texas Instruments TCA9803 Datasheet HTML 2Page - Texas Instruments TCA9803 Datasheet HTML 3Page - Texas Instruments TCA9803 Datasheet HTML 4Page - Texas Instruments TCA9803 Datasheet HTML 5Page - Texas Instruments TCA9803 Datasheet HTML 6Page - Texas Instruments TCA9803 Datasheet HTML 7Page - Texas Instruments TCA9803 Datasheet HTML 8Page - Texas Instruments TCA9803 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
5
TCA9803
www.ti.com
SCPS267B – MARCH 2017 – REVISED FEBRUARY 2020
Product Folder Links: TCA9803
Submit Documentation Feedback
Copyright © 2017–2020, Texas Instruments Incorporated
(1)
All typical values are at nominal supply voltage (1.8 V) and TA = 25 °C unless otherwise specified.
(2)
SDAB, SCLB may not sink current from external sources. It is required that no source of external current be used on these pins for
proper device operation due to the internal current source.
(3)
Parameter specified by design. Not tested in production.
(4)
VIL specification is for the first low-level seen by the SDAB and SCLB pins. IILC must also be satisfied in order to be interpreted as a low.
(5)
SDAB, SCLB have a maximum supported capacitive load for device operation. If this load capacitance maximum is violated, the device
does not function properly. SDAA, SCLA have no maximum capacitance limit.
7.5 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
OUTPUT CHARACTERISTICS
VOL
Low-level output voltage
SDAA, SCLA
IOL = 6 mA, VILB = 0 V
0.04
0.13
V
SDAB, SCLB
VIA = 0 V
0.22
0.26
IEXT-I
(2)
Allowed input leakage current of ICS
SDAB, SCLB
0
100
µA
IEXT-O
(2)
Allowed output leakage current of ICS
SDAB, SCLB
0
200
µA
ICS
Current source value
3.3
mA
Current source tolerance
–25
25
%
INPUT CHARACTERISTICS
REN
Enable pin pull-up
150
250
450
k
Ω
VIH
High-level input voltage
SDAA, SCLA
0.7 ×
VCCA
VCCA
V
SDAB, SCLB(3)
0.7 ×
VCCB
VCCB
EN
0.7 ×
VCCA
VCCA
VIL
Low-level input voltage
SDAA, SCLA
0
0.3 ×
VCCA
V
SDAB, SCLB(4) (3)
0
0.3 ×
VCCB
EN
0
0.3 ×
VCCA
IILC
Low-level input current contention
SDAB, SCLB (4)
1000
µA
RILC
Low-level allowed pull-down resistance
SDAB, SCLB (3)
150
Ω
CBUS
Bus capacitance limit
SDAB, SCLB(5)
0
400
pF
DC CHARACTERISTICS
UVLO
Under-voltage lock out
VCCA
VCCA rising and falling; VCCB =
1.65 or 3.6 V
0.3
0.55
0.8
V
VCCB
VCCB rising; VCCA = 0.8 or 3.6 V
1.3
1.51
1.6
VCCB falling; VCCA = 0.8 or 3.6 V
1.2
1.4
1.6
ICCA
Quiescent supply current for VCCA
SDAA = SCLA =
VCCA or
GND, SDAB =
SCLB = open,
EN = VCCA
VCCA = 0.8 V
0.1
7
µA
VCCA = 1.8 V
0.1
8
VCCA = 2.5 V
0.2
9
VCCA = 3.6 V
0.2
12
ICCB
Quiescent supply current for VCCB
Both channels
high, SDAA =
SCLA = pulled
up to
VCCA, SDAB =
SCLB = open,
EN = VCCA
VCCB = 1.8 V
44
75
µA
VCCB = 2.5 V
47
80
VCCB = 3.6 V
52
90
Both channels
low, SDAA =
SCLA = GND.
SDAB = SCLB =
open, EN =
VCCA
VCCB = 1.8 V
6.4
7.7
mA
VCCB = 2.5 V
6.5
7.8
VCCB = 3.6 V
6.7
7.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com