Electronic Components Datasheet Search
  English  ▼

X  

TCA9803 Datasheet(PDF) 17 Page - Texas Instruments

Part # TCA9803
Description  TCA9803 Level-Translating I2C Bus Buffer/Repeater
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TCA9803 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TCA9803 Datasheet HTML 13Page - Texas Instruments TCA9803 Datasheet HTML 14Page - Texas Instruments TCA9803 Datasheet HTML 15Page - Texas Instruments TCA9803 Datasheet HTML 16Page - Texas Instruments TCA9803 Datasheet HTML 17Page - Texas Instruments TCA9803 Datasheet HTML 18Page - Texas Instruments TCA9803 Datasheet HTML 19Page - Texas Instruments TCA9803 Datasheet HTML 20Page - Texas Instruments TCA9803 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
BUS
MASTER
400 kHz
SDA
SCL
1.65 V
5 k
5 k
EN
SDAA
SCLA
SDAB
SCLB
VCCA
VCCB
TCA980x
SDA
SCL
SLAVE
400 kHz
3.3 V
VCCB
VCCA
FET Based
1.65 V
5 k
5 k
Open Drain
Copyright © 2017, Texas Instruments Incorporated
BUS
MASTER
400 kHz
SDA
SCL
1.65 V
5 k
5 k
EN
SDAA
SCLA
SDAB
SCLB
VCCA
VCCB
TCA980x
SDA
SCL
SLAVE
400 kHz
3.3 V
VCCB
VCCA
FET Based
1.65 V
5 k
5 k
Copyright © 2017, Texas Instruments Incorporated
17
TCA9803
www.ti.com
SCPS267B – MARCH 2017 – REVISED FEBRUARY 2020
Product Folder Links: TCA9803
Submit Documentation Feedback
Copyright © 2017–2020, Texas Instruments Incorporated
Figure 15. Incorrect B-Side Pass-Gate Based Translator Use Case
Figure 16. A-Side Pass-Gate Based Translator Use Case
As shown in Figure 15, it may appear that this use case is valid, but actually it is not. When either the TCA980x
B-side or the slave pull down on the bus, the FET isolating the bus closes (low RDS_ON) and current from the 5-
kΩ resistor is observed by the TCA980x, violating IEXT-I. See the IEXT-I section for more information.
Figure 16 shows the correct way to pair with a FET base translator (connecting to the A-side).
Rather than using a FET-based translator, it is recommended that a buffered translator be used, such as another
TCA980x or a TCA9517. See the Typical Application section for single device for more information on concerns
with B-side connections to buffered translators.
10.1.2.2 Buffered Translators/Level-shifters
The TCA980x family supports connections with buffered translators, but care must be taken to ensure that no
operating conditions be violated. In a general sense, the following must be avoided on the B-side ports of the
TCA980x:
•
Sources of current other than the individual TCA980x (B-side of the other TCA980x, external pull-up resistors,
current sources, rise time accelerators, etc)
•
Static-voltage offset buffer outputs (B-side of the TCA9517, etc)
•
Outputs with RILC (equivalent pull-down resistance) > 150 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com