Electronic Components Datasheet Search
  English  ▼

X  

TCA9803 Datasheet(PDF) 18 Page - Texas Instruments

Part # TCA9803
Description  TCA9803 Level-Translating I2C Bus Buffer/Repeater
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TCA9803 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TCA9803 Datasheet HTML 14Page - Texas Instruments TCA9803 Datasheet HTML 15Page - Texas Instruments TCA9803 Datasheet HTML 16Page - Texas Instruments TCA9803 Datasheet HTML 17Page - Texas Instruments TCA9803 Datasheet HTML 18Page - Texas Instruments TCA9803 Datasheet HTML 19Page - Texas Instruments TCA9803 Datasheet HTML 20Page - Texas Instruments TCA9803 Datasheet HTML 21Page - Texas Instruments TCA9803 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
BUS
MASTER
400 kHz
SDA
SCL
1.65 V
5 k
5 k
EN
SDAA
SCLA
SDAB
SCLB
VCCA
VCCB
TCA980x
SDA
SCL
SLAVE
400 kHz
3.3 V
VCCA
VCCB
T/PCA9517
5 V
5 k
5 k
SDAA
SCLA
SDAB
SCLB
Copyright © 2017, Texas Instruments Incorporated
BUS
MASTER
400 kHz
SDA
SCL
1.65 V
5 k
5 k
EN
SDAA
SCLA
SDAB
SCLB
VCCA
VCCB
TCA980x
SDA
SCL
SLAVE
400 kHz
3.3 V
VCCB
VCCA
T/PCA9517
1.65 V
5 k
5 k
SDAB
SCLB
SDAA
SCLA
Copyright © 2017, Texas Instruments Incorporated
18
TCA9803
SCPS267B – MARCH 2017 – REVISED FEBRUARY 2020
www.ti.com
Product Folder Links: TCA9803
Submit Documentation Feedback
Copyright © 2017–2020, Texas Instruments Incorporated
It is important to note that these special operating requirements apply only to the B-side ports of the TCA980x.
For example, the TCA9517 B-side can be safely connected to the A-side of the TCA980x, but not to the B-side of
the TCA980x. However, it is OK to connect the A-side of the TCA9517 to the B-side (or A-side) of the TCA980x,
because the A-side does not have a static voltage offset based output.
Figure 17 shows an example of the incorrect connection on the B-side to a buffer with a static voltage offset
output. The reason this is unacceptable is because the equivalent output resistance of the output buffer is
greater than the maximum RILC allowed. See the RILC section for more information.
Figure 17. Incorrect B-Side Static Voltage Offset Buffer Connection
Figure 18. Correct Connection With Other Buffers
NOTE
Decoupling capacitors are not shown to keep the illustration simple. Decoupling capacitors
(1 µF and 0.1 µF) must be placed close to each power supply pin.
As shown in Figure 18, this connection is acceptable for use on the B-side ports of the TCA980x, because the
equivalent RILC of the A-side of this example buffer is less than 150 Ω.
10.2 Typical Application
10.2.1 Single Device
The typical application for the TCA980x family is to be used as a buffering translator, where the VCCA and VCCB
are at different values in order to level-shift the I2C bus voltages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com