Electronic Components Datasheet Search
  English  ▼

X  

TCA9803 Datasheet(PDF) 19 Page - Texas Instruments

Part # TCA9803
Description  TCA9803 Level-Translating I2C Bus Buffer/Repeater
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TCA9803 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TCA9803 Datasheet HTML 15Page - Texas Instruments TCA9803 Datasheet HTML 16Page - Texas Instruments TCA9803 Datasheet HTML 17Page - Texas Instruments TCA9803 Datasheet HTML 18Page - Texas Instruments TCA9803 Datasheet HTML 19Page - Texas Instruments TCA9803 Datasheet HTML 20Page - Texas Instruments TCA9803 Datasheet HTML 21Page - Texas Instruments TCA9803 Datasheet HTML 22Page - Texas Instruments TCA9803 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
BUS
MASTER
400 kHz
SDA
SCL
1.65 V
5 k
5 k
EN
SDAB
SCLB
SDAA
SCLA
VCCB VCCA
TCA980x
SDA
SCL
SLAVE
400 kHz
3.3 V
Copyright © 2017, Texas Instruments Incorporated
BUS
MASTER
400 kHz
SDA
SCL
1.2 V
5 k
5 k
EN
SDAA
SCLA
SDAB
SCLB
VCCA VCCB
TCA980x
SDA
SCL
SLAVE
400 kHz
3.3 V
Copyright © 2017, Texas Instruments Incorporated
19
TCA9803
www.ti.com
SCPS267B – MARCH 2017 – REVISED FEBRUARY 2020
Product Folder Links: TCA9803
Submit Documentation Feedback
Copyright © 2017–2020, Texas Instruments Incorporated
Typical Application (continued)
It is critical to note that there are no external sources of current allowed on the B-side ports, since this can affect
device operation as shown in the IEXT-I section.
Figure 19. Typical Level-Shifting Application Example (Master on A-side)
NOTE
Decoupling capacitors are not shown to keep the illustration simple. Decoupling capacitors
(1 µF and 0.1 µF) must be placed close to each power supply pin.
As shown in Figure 20, the I2C master can be on the B-side, and that it is ok to have VCCA > VCCB. The only
requirements are that no external source of current (pull-up resistor or current source) be on the B-pins of the
TCA980x, and that both VCCA/VCCB values are within the recommended range. As a note, since the EN pin is
referenced to the VCCA supply voltage, when the master is on the A-side, the system designer must ensure that
the enable pin voltage is pulled up to VCCA (either with an external or the internal pull-up resistor) to ensure that
the device is enabled.
Figure 20. Typical Level-Shifting Application Example (Master on B-side)
NOTE
Decoupling capacitors are not shown to keep the illustration simple. Decoupling capacitors
(1 µF and 0.1 µF) must be placed close to each power supply pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com