Electronic Components Datasheet Search
  English  ▼

X  

TCA9803 Datasheet(PDF) 22 Page - Texas Instruments

Part # TCA9803
Description  TCA9803 Level-Translating I2C Bus Buffer/Repeater
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TCA9803 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TCA9803 Datasheet HTML 18Page - Texas Instruments TCA9803 Datasheet HTML 19Page - Texas Instruments TCA9803 Datasheet HTML 20Page - Texas Instruments TCA9803 Datasheet HTML 21Page - Texas Instruments TCA9803 Datasheet HTML 22Page - Texas Instruments TCA9803 Datasheet HTML 23Page - Texas Instruments TCA9803 Datasheet HTML 24Page - Texas Instruments TCA9803 Datasheet HTML 25Page - Texas Instruments TCA9803 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
tr - Rise Time (ns)
0
50
100
150
200
250
300
0
100
200
300
400
D001
VCCB = 2.5 V
TCA9800
TCA9801
TCA9802
TCA9803
tr - Rise Time (ns)
0
50
100
150
200
250
300
0
100
200
300
400
D001
VCCB = 3.3 V
TCA9800
TCA9801
TCA9802
TCA9803
tr - Rise Time (ns)
0
50
100
150
200
250
300
0
100
200
300
400
D001
VCCB = 1.65 V
TCA9800
TCA9801
TCA9802
TCA9803
tr - Rise Time (ns)
0
50
100
150
200
250
300
0
100
200
300
400
D001
VCCB = 1.8 V
TCA9800
TCA9801
TCA9802
TCA9803
tr - Rise Time (ns)
0
30
60
90
120
150
180
210
240
270
300
0
100
200
300
400
TCA9800 (1.65 V)
TCA9800 (3.6 V)
TCA9801 (1.65 V)
TCA9801 (3.6 V)
TCA9802 (1.65 V)
TCA9802 (3.6 V)
TCA9803 (1.65 V)
TCA9803 (3.6 V)
D001
tr - Rise Time (ns)
0
30
60
90
120
150
180
210
240
270
300
0
100
200
300
400
TCA9800 (1.65 V)
TCA9800 (3.6 V)
TCA9801 (1.65 V)
TCA9801 (3.6 V)
TCA9802 (1.65 V)
TCA9802 (3.6 V)
TCA9803 (1.65 V)
TCA9803 (3.6 V)
D001
22
TCA9803
SCPS267B – MARCH 2017 – REVISED FEBRUARY 2020
www.ti.com
Product Folder Links: TCA9803
Submit Documentation Feedback
Copyright © 2017–2020, Texas Instruments Incorporated
10.2.1.3 Application Curves
The application curves can be used to select the appropriate part for a given design requirement, or to estimate
the rise-time.
Figure 22. Maximum Load Capacitance vs Rise Time (400-
kHz I2C)
Figure 23. Maximum Load Capacitance vs Rise Time (100-
kHz I2C)
Figure 24. Maximum Load Capacitance vs Rise Time (400-
kHz I2C, VCCB = 1.65 V)
Figure 25. Maximum Load Capacitance vs Rise Time (400-
kHz I2C, VCCB = 1.8 V)
Figure 26. Maximum Load Capacitance vs Rise Time (400-
kHz I2C, VCCB = 2.5 V)
Figure 27. Maximum Load Capacitance vs Rise Time (400-
kHz I2C, VCCB = 3.3 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com