Electronic Components Datasheet Search
  English  ▼

X  

TPS79101DBVT Datasheet(PDF) 14 Page - Texas Instruments

Part # TPS79101DBVT
Description  TPS791 Ultralow Noise, High PSRR, Fast RF 100-mA Low-Dropout Linear Regulators
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS79101DBVT Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPS79101DBVT Datasheet HTML 10Page - Texas Instruments TPS79101DBVT Datasheet HTML 11Page - Texas Instruments TPS79101DBVT Datasheet HTML 12Page - Texas Instruments TPS79101DBVT Datasheet HTML 13Page - Texas Instruments TPS79101DBVT Datasheet HTML 14Page - Texas Instruments TPS79101DBVT Datasheet HTML 15Page - Texas Instruments TPS79101DBVT Datasheet HTML 16Page - Texas Instruments TPS79101DBVT Datasheet HTML 17Page - Texas Instruments TPS79101DBVT Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
OUTPUT VOLTAGE
PROGRAMMING GUIDE
VO
VI
OUT
FB
R1
R2
GND
EN
IN
TPS79101
1
µF
BYPASS
0.01
µF
1
µF
C1
22 pF
15 pF
15 pF
OUTPUT
VOLTAGE
R1
R2
2.5 V
3.3 V
3.6 V
C1
31.6 k
Ω
51 k
Ω
59 k
Ω
30.1 k
Ω
30.1 k
Ω
30.1 k
Ω
≤ 0.7 V
≥ 2 V
14
TPS791
SLVS325D – MARCH 2001 – REVISED FEBRUARY 2018
www.ti.com
Product Folder Links: TPS791
Submit Documentation Feedback
Copyright © 2001–2018, Texas Instruments Incorporated
Feature Description (continued)
The table in Figure 34 shows the suggested value of this capacitor for several resistor ratios. If this capacitor is
not used (such as in a unity-gain configuration) or if an output voltage < 1.8 V is chosen, then the minimum
recommended output capacitor is 2.2 µF instead of 1 µF.
Figure 34. TPS79101 Adjustable LDO Regulator Programming
7.3.3 Regulator Protection
The TPS791 PMOS-pass transistor has a built-in back diode that conducts reverse current when the input
voltage drops below the output voltage (for example, during power-down). Current is conducted from the output
to the input and is not internally limited. If extended reverse voltage operation is anticipated, external limiting may
be appropriate.
The TPS791 features internal current limiting and thermal protection. During normal operation, the TPS791 limits
output current to approximately 400 mA. When current limiting engages, the output voltage scales back linearly
until the overcurrent condition ends. Although current limiting is designed to prevent gross device failure, care
must be taken not to exceed the power dissipation ratings of the package or the absolute maximum voltage
ratings of the device. If the temperature of the device exceeds approximately 165°C, thermal-protection circuitry
shuts the device down. When the device cools down to below approximately 140°C, regulator operation
resumes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com