Electronic Components Datasheet Search
  English  ▼

X  

TPS79101DBVT Datasheet(PDF) 16 Page - Texas Instruments

Part # TPS79101DBVT
Description  TPS791 Ultralow Noise, High PSRR, Fast RF 100-mA Low-Dropout Linear Regulators
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS79101DBVT Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS79101DBVT Datasheet HTML 12Page - Texas Instruments TPS79101DBVT Datasheet HTML 13Page - Texas Instruments TPS79101DBVT Datasheet HTML 14Page - Texas Instruments TPS79101DBVT Datasheet HTML 15Page - Texas Instruments TPS79101DBVT Datasheet HTML 16Page - Texas Instruments TPS79101DBVT Datasheet HTML 17Page - Texas Instruments TPS79101DBVT Datasheet HTML 18Page - Texas Instruments TPS79101DBVT Datasheet HTML 19Page - Texas Instruments TPS79101DBVT Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
EN
IN
OUT
GND
0.1 PF
1 PF
VOUT
TPS791
BYPASS
0.1 PF
Copyright © 2018, Texas Instruments Incorporated
16
TPS791
SLVS325D – MARCH 2001 – REVISED FEBRUARY 2018
www.ti.com
Product Folder Links: TPS791
Submit Documentation Feedback
Copyright © 2001–2018, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The TPS791 low-dropout (LDO) regulator is optimized for use in noise-sensitive battery-operated equipment. The
device features extremely low dropout voltages, high PSRR, ultralow output noise, low quiescent current (170 µA
typically), and an active-low, enable input to reduce supply currents to less than 1 µA when the regulator is
turned off.
8.1.1 External Capacitor Requirements
A 0.1-µF or larger ceramic input bypass capacitor, connected between IN and GND and located close to the
TPS791, is required for stability and to improve transient response, noise rejection, and ripple rejection. A higher-
value electrolytic input capacitor may be necessary if large, fast-rise-time load transients are anticipated and the
device is located several inches from the power source.
Like all low dropout regulators, the TPS791 requires an output capacitor connected between OUT and GND to
stabilize the internal control loop. The minimum recommended capacitance is 1 µF. Any 1-µF or larger ceramic
capacitor is suitable. The device is also stable with a 0.47-µF ceramic capacitor with at least 75 m
Ω of ESR.
The internal voltage reference is a key source of noise in an LDO regulator. The TPS791 has a BYPASS pin that
is connected to the voltage reference through a 250-k
Ω internal resistor. The 250-kΩ internal resistor, in
conjunction with an external bypass capacitor connected to the BYPASS pin, creates a low-pass filter to reduce
the voltage reference noise and, therefore, the noise at the regulator output. In order for the regulator to operate
properly, the current flow out of the BYPASS pin must be at a minimum because any leakage current creates an
IR drop across the internal resistor thus creating an output error. Therefore, the bypass capacitor must have
minimal leakage current.
For example, the TPS79118 exhibits approximately 15 µVRMS of output voltage noise using a 0.1-µF ceramic
bypass capacitor and a 1-µF ceramic output capacitor. The output starts up slower as the bypass capacitance
increases because of the RC time constant at the bypass pin that is created by the internal 250-k
Ω resistor and
external capacitor.
8.2 Typical Application
Figure 35 shows a typical application circuit.
Figure 35. Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com