Electronic Components Datasheet Search
  English  ▼

X  

TPS79101DBVT Datasheet(PDF) 17 Page - Texas Instruments

Part # TPS79101DBVT
Description  TPS791 Ultralow Noise, High PSRR, Fast RF 100-mA Low-Dropout Linear Regulators
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS79101DBVT Datasheet(HTML) 17 Page - Texas Instruments

Back Button TPS79101DBVT Datasheet HTML 13Page - Texas Instruments TPS79101DBVT Datasheet HTML 14Page - Texas Instruments TPS79101DBVT Datasheet HTML 15Page - Texas Instruments TPS79101DBVT Datasheet HTML 16Page - Texas Instruments TPS79101DBVT Datasheet HTML 17Page - Texas Instruments TPS79101DBVT Datasheet HTML 18Page - Texas Instruments TPS79101DBVT Datasheet HTML 19Page - Texas Instruments TPS79101DBVT Datasheet HTML 20Page - Texas Instruments TPS79101DBVT Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
IOUT = 10 mA
IOUT = 100 mA
60
50
30
20
10
100
1k
10k
70
90
100
100k
1M
10M
40
80
f – Frequency – Hz
3
t – Time –
s
m
0
60
40
20
80 100
140
120
160 180 200
1
2
0
0
2
CBYPASS = 0.001 F
m
CBYPASS = 0.01 F
m
1
3
CBYPASS = 0.0047 F
m
17
TPS791
www.ti.com
SLVS325D – MARCH 2001 – REVISED FEBRUARY 2018
Product Folder Links: TPS791
Submit Documentation Feedback
Copyright © 2001–2018, Texas Instruments Incorporated
Typical Application (continued)
8.2.1 Design Requirements
Table 2 shows the parameters used for this design example.
Table 2. Design Parameters
PARAMETER
DESIGN REQUIREMENT
Input voltage
4.3 V to 3.5 V (Lithium Ion battery)
Output voltage
3.3 V
DC output current
10 mA
Peak output current
100 mA
Maximum ambient temperature
60°C
8.2.2 Detailed Design Procedure
Select the desired output voltage option. An input capacitor of 0.1 µF is used because the battery is connected to
the input through a via and a short 10-mil (0.01-in) trace. An output capacitor of 1 mF is used in this design
example. A smaller size output capacitor can be used up to a minimum of 1 µF to stabilize the internal control
loop.
8.2.3 Application Curves
Figure 36. TPS79133 Ripple Rejection vs Frequency
Figure 37. TPS79133 Output Voltage, Enable Voltage vs
Time (Start-Up)
8.3 Do's and Don'ts
Do place at least one, low-ESR, 1-µF capacitor as close as possible between the OUT pin of the regulator and
the GND pin.
Do place at least one, low-ESR, 0.1-µF capacitor as close as possible between the IN pin of the regulator and
the GND pin.
Do provide adequate thermal paths away from the device.
Do not place the input or output capacitor more than 10 mm away from the regulator.
Do not exceed the absolute maximum ratings.
Do not float the Enable (EN) pin.
Do not resistively or inductively load the BYPASS pin.
Do not let the output voltage get more than 0.3 V above the input voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com