Electronic Components Datasheet Search
  English  ▼

X  

TPS79101DBVT Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS79101DBVT
Description  TPS791 Ultralow Noise, High PSRR, Fast RF 100-mA Low-Dropout Linear Regulators
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS79101DBVT Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS79101DBVT Datasheet HTML 6Page - Texas Instruments TPS79101DBVT Datasheet HTML 7Page - Texas Instruments TPS79101DBVT Datasheet HTML 8Page - Texas Instruments TPS79101DBVT Datasheet HTML 9Page - Texas Instruments TPS79101DBVT Datasheet HTML 10Page - Texas Instruments TPS79101DBVT Datasheet HTML 11Page - Texas Instruments TPS79101DBVT Datasheet HTML 12Page - Texas Instruments TPS79101DBVT Datasheet HTML 13Page - Texas Instruments TPS79101DBVT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
0.01
0.1
1
10
100
0
0.02
0.04
0.06
0.08
0.1
IOUT – Output Current – A
Region of
Instability
Region of Instability
0.01
0.1
10
100
0
0.02
0.04
0.06
0.08
0.1
IOUT – Output Current – A
1
Region of Instability
Region of Stability
t – Time – ms
–40
100
0
–20
0
20
0
500
450
400
350
300
250
200
150
100
50
20
t – Time –
s
m
0
15
10
5
20
25
35
30
40
45
50
0
5.3
4.3
–20
3.8
t – Time –
s
m
0
30
20
10
40 50
70
60
80
90 100
2.8
10
0
–10
t – Time – ms
–20
100
20
0
0
–40
0
200 400 600 800 1k 12k 14k 16k 18k 20k
10
TPS791
SLVS325D – MARCH 2001 – REVISED FEBRUARY 2018
www.ti.com
Product Folder Links: TPS791
Submit Documentation Feedback
Copyright © 2001–2018, Texas Instruments Incorporated
Typical Characteristics (continued)
at TJ = 25°C, VIN = VOUT(typ) + 1 V, IOUT = 1 mA, EN = 0 V, COUT = 10 µF, and CBYPASS = 0.01 µF (unless otherwise noted)
IOUT = 100 mA, COUT = 1 µF, CBYPASS = 0.01 µF
Figure 25. TPS79118 Line Transient Response
VIN = 2.8 V, COUT = 10 µF
Figure 26. TPS79118 Load Transit Response
IOUT = 100 mA, COUT = 1 µF, CBYPASS = 0.01 µF,
dv / dt = 0.4 V / ms
Figure 27. TPS79133 Line Transient Response
VIN = 4.3 V, COUT = 10 µF
Figure 28. TPS79133 Load Transit Response
VIN = 5.5 V, COUT = 0.47 µF, TJ = –40°C to 125°C
Figure 29. TPS79118 Typical Regions of Stability Equivalent
Series Resistance (ESR) vs Output Current
VIN = 5.5 V, COUT = 1 µF, TJ = –40°C to 125°C
Figure 30. TPS79118 Typical Regions of Stability Equivalent
Series Resistance (ESR) vs Output Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com