Electronic Components Datasheet Search
  English  ▼

X  

TPS79101DBVT Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS79101DBVT
Description  TPS791 Ultralow Noise, High PSRR, Fast RF 100-mA Low-Dropout Linear Regulators
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS79101DBVT Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS79101DBVT Datasheet HTML 2Page - Texas Instruments TPS79101DBVT Datasheet HTML 3Page - Texas Instruments TPS79101DBVT Datasheet HTML 4Page - Texas Instruments TPS79101DBVT Datasheet HTML 5Page - Texas Instruments TPS79101DBVT Datasheet HTML 6Page - Texas Instruments TPS79101DBVT Datasheet HTML 7Page - Texas Instruments TPS79101DBVT Datasheet HTML 8Page - Texas Instruments TPS79101DBVT Datasheet HTML 9Page - Texas Instruments TPS79101DBVT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
100
120
140
160
180
200
220
240
260
–40 –25 –10 5
20 35 50
65
80
95 110 125
TJ – Junction Temperature – C
°
IOUT = 1 mA
IOUT = 100 mA
100
1k
10k
100k
IOUT = 1 mA
IOUT = 100 mA
f – Frequency – Hz
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.16
0.18
0.2
1.78
1.785
1.79
1.795
1.8
1.805
1.81
1.815
1.82
–40 –25 –10 5
20
35 50
65
80
95 110 125
TJ – Junction Temperature – C
°
IOUT = 1 mA
IOUT = 100 mA
3.27
3.28
3.29
3.3
3.31
3.32
–40 –25 –10 5
20
35
50 65
80 95 110 125
TJ – Junction Temperature – C
°
IOUT = 100 mA
IOUT = 1 mA
3.297
3.298
3.299
3.3
3.301
3.302
3.303
0
20
40
60
80
100
IOUT – Output Current – mA
1.797
1.798
1.799
1.8
1.801
1.802
1.803
0
20
40
60
80
100
IOUT – Output Current – mA
6
TPS791
SLVS325D – MARCH 2001 – REVISED FEBRUARY 2018
www.ti.com
Product Folder Links: TPS791
Submit Documentation Feedback
Copyright © 2001–2018, Texas Instruments Incorporated
6.6 Typical Characteristics
at TJ = 25°C, VIN = VOUT(typ) + 1 V, IOUT = 1 mA, EN = 0 V, COUT = 10 µF, and CBYPASS = 0.01 µF (unless otherwise noted)
VIN = 2.8 V, COUT = 10 µF, TJ = 25°C
Figure 1. TPS79118 Output Voltage vs Output Current
VIN = 4.3 V, COUT = 10 µF, TJ = 25°C
Figure 2. TPS79133 Output Voltage vs Output Current
VIN = 2.8 V, COUT = 10 µF
Figure 3. TPS79118 Output Voltage vs
Junction Temperature
VIN = 4.3 V, COUT = 10 µF
Figure 4. TPS79133 Output Voltage vs
Junction Temperature
VIN = 4.3 V, COUT = 10 µF
Figure 5. TPS79133 Ground Current vs
Junction Temperature
VIN = 2.8 V, COUT = 1 µF, CBYPASS = 0.1 µF
Figure 6. TPS79118 Output Spectral Noise Density vs
Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com