Electronic Components Datasheet Search
  English  ▼

X  

TPS79101DBVT Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS79101DBVT
Description  TPS791 Ultralow Noise, High PSRR, Fast RF 100-mA Low-Dropout Linear Regulators
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS79101DBVT Datasheet(HTML) 1 Page - Texas Instruments

  TPS79101DBVT Datasheet HTML 1Page - Texas Instruments TPS79101DBVT Datasheet HTML 2Page - Texas Instruments TPS79101DBVT Datasheet HTML 3Page - Texas Instruments TPS79101DBVT Datasheet HTML 4Page - Texas Instruments TPS79101DBVT Datasheet HTML 5Page - Texas Instruments TPS79101DBVT Datasheet HTML 6Page - Texas Instruments TPS79101DBVT Datasheet HTML 7Page - Texas Instruments TPS79101DBVT Datasheet HTML 8Page - Texas Instruments TPS79101DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
VIN
VEN
EN
IN
OUT
GND
1 PF
VOUT
TPS79101
BYPASS
PF
1 PF
FB
100 pF
Copyright © 2017, Texas Instruments Incorporated
VIN
VEN
EN
IN
OUT
GND
1 PF
1 PF
VOUT
TPS791
BYPASS
0.1 PF
Copyright © 2018, Texas Instruments Incorporated
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TPS791
SLVS325D – MARCH 2001 – REVISED FEBRUARY 2018
TPS791
Ultralow Noise, High PSRR, Fast RF 100-mA Low-Dropout Linear Regulators
1
1 Features
1
•
100-mA Low-Dropout Regulator With EN
•
Available in 1.8-V, 3.3-V, 4.7-V, and Adj.
•
High PSRR (70 dB at 10 kHz)
•
Ultralow Noise (15 µVRMS)
•
Fast Start-Up Time (63 µs)
•
Stable With Any 1-µF Ceramic Capacitor
•
Excellent Load, Line Transient
•
Very Low Dropout Voltage (38 mV at Full Load,
TPS79147)
•
5-Pin SOT23 (DBV) Package
•
TPS792xx Provides EN Options
2 Applications
•
Powering VCOs and PLLs
•
Bluetooth and Wireless LAN
•
Portable and Battery Operated
3 Description
The TPS791 device is a low-dropout (LDO) low-
power linear voltage regulator that features high
power-supply rejection ratio (PSRR), ultralow noise,
fast start-up, and excellent line and load transient
responses in a small outline, SOT23 package. The
device is stable, with a small 1-µF ceramic capacitor
on the output. The TPS791 uses an advanced,
proprietary BiCMOS fabrication process to yield
extremely low dropout voltages (for example, 38 mV
at 100 mA, TPS79147). This device achieves fast
start-up times (approximately 63 µs with a 0.001-µF
bypass
capacitor)
while
consuming
very
low
quiescent current (170 µA typical). Moreover, when
the device is placed in standby mode, the supply
current is reduced to less than 1 µA. The TPS79118
exhibits approximately 15 µVRMS of output voltage
noise with a 0.1-µF bypass capacitor. Applications
with analog components that are noise sensitive,
such as portable RF electronics, benefit from the high
PSRR and low noise features as well as the fast
response time.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS791
SOT23 (5)
2.90 mm × 1.60 mm
SOT23 (6)
2.90 mm × 1.60 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic: Fixed Output
Simplified Schematic: Adjustable Output


Similar Part No. - TPS79101DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79101DBVT TI-TPS79101DBVT Datasheet
199Kb / 15P
ULTRALOW NOISE, HIGH PSRR, FAST RF 100-MA LOW DROPOUT LINEAR REGULATORS
TPS79101DBVT TI-TPS79101DBVT Datasheet
884Kb / 21P
ULTRALOW NOISE HIGH PSRR FAST RF 100-mA LOW- DROPOUT LINEAR REGUATORS
TPS79101DBVT TI1-TPS79101DBVT Datasheet
1,015Kb / 23P
ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79101DBVTG4 TI-TPS79101DBVTG4 Datasheet
884Kb / 21P
ULTRALOW NOISE HIGH PSRR FAST RF 100-mA LOW- DROPOUT LINEAR REGUATORS
TPS79101DBVTG4 TI1-TPS79101DBVTG4 Datasheet
1,015Kb / 23P
ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
More results

Similar Description - TPS79101DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79101 TI-TPS79101 Datasheet
199Kb / 15P
ULTRALOW NOISE, HIGH PSRR, FAST RF 100-MA LOW DROPOUT LINEAR REGULATORS
TPS79225 TI-TPS79225 Datasheet
134Kb / 13P
ULTRALOW-NOISE, HIGH PSRR, FAST RF 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79101-EP TI1-TPS79101-EP Datasheet
863Kb / 22P
ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79101-Q1 TI1-TPS79101-Q1 Datasheet
425Kb / 19P
ULTRALOW NOISE, HIGH PSRR, FAST RF 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79230DBVRG4 TI-TPS79230DBVRG4 Datasheet
472Kb / 19P
ULTRALOW-NOISE, HIGH PSRR, FAST RF 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79133-EP TI-TPS79133-EP Datasheet
1,010Kb / 23P
ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79147-Q1 TI-TPS79147-Q1 Datasheet
900Kb / 21P
ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79147-EP TI-TPS79147-EP_15 Datasheet
1,010Kb / 23P
ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79101-EP TI1-TPS79101-EP_16 Datasheet
1,015Kb / 23P
ULTRALOW NOISE, HIGH PSRR, FAST RF, 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS79101-Q1 TI1-TPS79101-Q1_16 Datasheet
902Kb / 21P
ULTRALOW NOISE, HIGH PSRR, FAST RF 100-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com