Electronic Components Datasheet Search
  English  ▼

X  

TPS79101DBVT Datasheet(PDF) 15 Page - Texas Instruments

Part # TPS79101DBVT
Description  TPS791 Ultralow Noise, High PSRR, Fast RF 100-mA Low-Dropout Linear Regulators
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS79101DBVT Datasheet(HTML) 15 Page - Texas Instruments

Back Button TPS79101DBVT Datasheet HTML 11Page - Texas Instruments TPS79101DBVT Datasheet HTML 12Page - Texas Instruments TPS79101DBVT Datasheet HTML 13Page - Texas Instruments TPS79101DBVT Datasheet HTML 14Page - Texas Instruments TPS79101DBVT Datasheet HTML 15Page - Texas Instruments TPS79101DBVT Datasheet HTML 16Page - Texas Instruments TPS79101DBVT Datasheet HTML 17Page - Texas Instruments TPS79101DBVT Datasheet HTML 18Page - Texas Instruments TPS79101DBVT Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
15
TPS791
www.ti.com
SLVS325D – MARCH 2001 – REVISED FEBRUARY 2018
Product Folder Links: TPS791
Submit Documentation Feedback
Copyright © 2001–2018, Texas Instruments Incorporated
7.4 Device Functional Modes
7.4.1 Normal Operation
The device regulates to the nominal output voltage under the following conditions:
•
The input voltage is at least as high as the |VIN(min)|
•
The input voltage magnitude is greater than the nominal output voltage magnitude added to the dropout
voltage
•
|VEN| < low-level enable pin input voltage (0.7 V)
•
The output current is less than the current limit
•
The device junction temperature is less than the maximum specified junction temperature
7.4.2 Dropout Operation
If the input voltage magnitude is lower than the nominal output voltage magnitude plus the specified dropout
voltage magnitude, but all other conditions are met for normal operation, the device operates in dropout mode. In
this mode of operation, the output voltage magnitude is the same as the input voltage magnitude minus the
dropout voltage magnitude. The transient performance of the device is significantly degraded because the pass
device (such as a bipolar junction transistor, or BJT) is in saturation and no longer controls the current through
the LDO. Line or load transients in dropout can result in large output voltage deviations.
7.4.3 Disabled
The device is disabled under the following conditions:
•
|VEN| > high-level enable pin input voltage (2 V)
•
The device junction temperature is greater than the thermal shutdown temperature
Table 1 shows the conditions that lead to the different modes of operation.
Table 1. Device Functional Mode Comparison
OPERATING MODE
PARAMETER
VIN
VEN
IOUT
TJ
Normal mode
|VIN| > { |VOUT(nom)| + |VDO|, |VIN(min)| }
|VEN| < 0.7 V
I OUT < ICL
T J < 125°C
Dropout mode
|VIN(min)| < |VIN| < |VOUT(nom)| + |VDO|
|VEN| < 0.7 V
—
TJ < 125°C
Disabled mode
(any true condition disables the device)
—
|VEN| > 2 V
—
TJ > 170°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com