Electronic Components Datasheet Search
  English  ▼

X  

TPS79101DBVT Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS79101DBVT
Description  TPS791 Ultralow Noise, High PSRR, Fast RF 100-mA Low-Dropout Linear Regulators
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS79101DBVT Datasheet(HTML) 5 Page - Texas Instruments

  TPS79101DBVT Datasheet HTML 1Page - Texas Instruments TPS79101DBVT Datasheet HTML 2Page - Texas Instruments TPS79101DBVT Datasheet HTML 3Page - Texas Instruments TPS79101DBVT Datasheet HTML 4Page - Texas Instruments TPS79101DBVT Datasheet HTML 5Page - Texas Instruments TPS79101DBVT Datasheet HTML 6Page - Texas Instruments TPS79101DBVT Datasheet HTML 7Page - Texas Instruments TPS79101DBVT Datasheet HTML 8Page - Texas Instruments TPS79101DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
5
TPS791
www.ti.com
SLVS325D – MARCH 2001 – REVISED FEBRUARY 2018
Product Folder Links: TPS791
Submit Documentation Feedback
Copyright © 2001–2018, Texas Instruments Incorporated
(1)
The minimum VIN operating voltage is 2.7 V or VOUT(typ) + 1 V, whichever is greater. The maximum VIN voltage is 5.5 V. The maximum
output current is 100 mA.
(2)
If VOUT ≤ 1.8 V then VINmin = 2.7 V and VINmax = 5.5 V.
(3)
Equals VIN voltage – VOUT(typ) – 100 mV; the TPS79118 dropout voltage is limited by the minimum input voltage range limitations.
6.5 Electrical Characteristics
over recommended operating free-air temperature range, (TJ = –40°C to 125°C), VIN = VOUT(typ) + 1 V, IOUT= 1 mA, EN = 0 V,
COUT = 10 µF, CBYPASS= 0.01 µF (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output voltage
TPS79101
TJ = 25°C, 1.22 V ≤ VOUT ≤ 5.2 V
VOUT
V
0 µA < IOUT < 100 mA(1) ,1.22 V ≤ VOUT ≤ 5.2 V
0.98
VOUT
1.02
VOUT
TPS79118
TJ = 25°C
1.8
0 µA < IOUT < 100 mA, 2.8 V < VIN < 5.5 V
1.764
1.836
TPS79133
TJ = 25°C
3.3
0 µA < IOUT < 100 mA, 4.3 V < VIN < 5.5 V
3.234
3.366
TPS79147
TJ = 25°C
4.7
0 µA < IOUT < 100 mA, 5.2 V < VIN < 5.5 V
4.606
4.794
VREF
Reference voltage
1.2246
V
Quiescent current (GND current)
0 µA < IOUT < 100 mA, TJ = 25°C
170
µA
0 µA < IOUT < 100 mA
250
Load regulation
0 µA < IOUT < 100 mA, TJ = 25°C
5
mV
ΔVOUT/
VOUT
Output voltage line regulation(2)
VOUT + 1 V < VIN ≤ 5.5 V, TJ = 25°C
0.05
%/V
VOUT + 1 V < VIN ≤ 5.5 V
0.12
Output noise voltage (TPS79118)
BW = 100 Hz to
100 kHz, IOUT =
100 mA, TJ = 25°C
CBYPASS = 0.001 µF
32
µVRMS
CBYPASS = 0.0047 µF
17
CBYPASS = 0.01 µF
16
CBYPASS = 0.1 µF
15
Time, start-up (TPS79133)
RL = 33 Ω, COUT =
1 µF, TJ = 25°C
CBYPASS = 0.001 µF
53
µs
CBYPASS = 0.0047 µF
67
CBYPASS = 0.01 µF
98
Output current limit
VOUT = 0 V(1)
285
600
mA
UVLO threshold
VIN rising
2.25
2.65
V
UVLO hysteresis
TJ = 25°C, VIN rising
100
mV
Standby current
EN = VIN, 2.7 V < VIN < 5.5 V
0.07
1
µA
High level enable input voltage
2.7 V < VIN < 5.5 V
2
V
Low level enable input voltage
2.7 V < VIN < 5.5 V
0.7
V
Input current (EN)
EN = VIN
–1
1
µA
PSRR
Power-supply ripple
rejection
TPS79118
f = 100 Hz, TJ = 25°C, IOUT = 10 mA
80
dB
f = 100 Hz, TJ = 25°C, IOUT = 100 mA
75
f = 10 kHz, TJ = 25°C, IOUT = 100 mA
72
f = 100 kHz, TJ = 25°C, IOUT = 100 mA
45
TPS79133
f = 100 Hz, TJ = 25°C, IOUT = 10 mA
70
f = 100 Hz, TJ = 25°C, IOUT = 100 mA
75
f = 10 kHz, TJ = 25°C, IOUT = 100 mA
73
f = 100 kHz, TJ = 25°C, IOUT = 100 mA
37
VDO
Dropout voltage(3)
TPS79133
IOUT = 100 mA, TJ = 25°C
50
mV
IOUT = 100 mA
90
TPS79147
IOUT = 100 mA, TJ = 25°C
38
IOUT = 100 mA
70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com