Electronic Components Datasheet Search
  English  ▼

X  

TPS79101DBVT Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS79101DBVT
Description  TPS791 Ultralow Noise, High PSRR, Fast RF 100-mA Low-Dropout Linear Regulators
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS79101DBVT Datasheet(HTML) 3 Page - Texas Instruments

  TPS79101DBVT Datasheet HTML 1Page - Texas Instruments TPS79101DBVT Datasheet HTML 2Page - Texas Instruments TPS79101DBVT Datasheet HTML 3Page - Texas Instruments TPS79101DBVT Datasheet HTML 4Page - Texas Instruments TPS79101DBVT Datasheet HTML 5Page - Texas Instruments TPS79101DBVT Datasheet HTML 6Page - Texas Instruments TPS79101DBVT Datasheet HTML 7Page - Texas Instruments TPS79101DBVT Datasheet HTML 8Page - Texas Instruments TPS79101DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
1
IN
2
GND
3
EN
4
BYPASS
5
OUT
Not to scale
1
IN
6
OUT
2
GND
5
FB
3
EN
4
BYPASS
Not to scale
3
TPS791
www.ti.com
SLVS325D – MARCH 2001 – REVISED FEBRUARY 2018
Product Folder Links: TPS791
Submit Documentation Feedback
Copyright © 2001–2018, Texas Instruments Incorporated
5 Pin Configuration and Functions
DBV Package: Adjustable Output
6-Pin SOT23
Top View
DBV Package: Fixed Output
5-Pin SOT23
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
ADJ
FIXED
BYPASS
4
4
—
An external bypass capacitor connected to this pin, in conjunction with an internal
resistor, creates a low-pass filter to further reduce regulator noise.
EN
3
3
I
The EN pin is an input which enables or shuts down the device. The enable signal
is an active-low digital control that enables the device, so when EN is a logic high
(> 2 V), the device is in shutdown mode. When EN is logic low (< 0.7 V), the
device is enabled.
FB
5
N/A
I
This pin is the feedback input voltage for the adjustable device.
GND
2
2
—
Regulator ground.
IN
1
1
I
The IN pin is the input to the device.
OUT
6
5
O
The OUT pin is the regulated output of the device.
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to the network ground pin.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Input voltage range(2)
–0.3
6
V
Voltage range at EN
–0.3
VIN + 0.3
V
Voltage on OUT
–0.3
6
V
Peak output current
Internally limited
Continuous total power dissipation
See Thermal Information
table
Operating virtual junction temperature, TJ
–40
150
°C
Operating ambient temperature, TA
–40
85
°C
Storage temperature, Tstg
–65
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com