Electronic Components Datasheet Search
  English  ▼

X  

TPS79101DBVT Datasheet(PDF) 18 Page - Texas Instruments

Part # TPS79101DBVT
Description  TPS791 Ultralow Noise, High PSRR, Fast RF 100-mA Low-Dropout Linear Regulators
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS79101DBVT Datasheet(HTML) 18 Page - Texas Instruments

Back Button TPS79101DBVT Datasheet HTML 14Page - Texas Instruments TPS79101DBVT Datasheet HTML 15Page - Texas Instruments TPS79101DBVT Datasheet HTML 16Page - Texas Instruments TPS79101DBVT Datasheet HTML 17Page - Texas Instruments TPS79101DBVT Datasheet HTML 18Page - Texas Instruments TPS79101DBVT Datasheet HTML 19Page - Texas Instruments TPS79101DBVT Datasheet HTML 20Page - Texas Instruments TPS79101DBVT Datasheet HTML 21Page - Texas Instruments TPS79101DBVT Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
IN
GND
EN
(1)
OUT
FB
BYPASS
Input Plane
Input Ground
Output Ground
Output Plane
NR and FB
Ground
Denotes via
18
TPS791
SLVS325D – MARCH 2001 – REVISED FEBRUARY 2018
www.ti.com
Product Folder Links: TPS791
Submit Documentation Feedback
Copyright © 2001–2018, Texas Instruments Incorporated
9 Power Supply Recommendations
This device is designed to operate from an input voltage supply range from 2.7 V to 5.5 V. The input voltage
range must provide adequate headroom in order for the device to have a regulated output. This input supply
must be well-regulated and stable. A 0.1-µF input capacitor is required for stability; if the input supply is noisy,
additional input capacitors with low ESR can help improve the output noise performance.
10 Layout
10.1 Layout Guidelines
Layout is a critical part of good power-supply design. There are several signal paths that conduct fast-changing
currents or voltages that can interact with stray inductance or parasitic capacitance to generate noise or degrade
the power-supply performance. To help eliminate these problems, bypass the IN pin to ground with a low ESR
ceramic bypass capacitor with an X5R or X7R dielectric.
Equivalent series inductance (ESL) and equivalent series resistance (ESR) must be minimized to maximize
performance and ensure stability. Every capacitor (CIN, COUT, CBYPASS, and C1) must be placed as close as
possible to the device and on the same side of the PCB as the regulator itself.
Do not place any capacitors on the opposite side of the PCB from where the regulator is installed. The use of
vias and long traces is strongly discouraged because these circuits can impact system performance negatively,
and even cause instability.
10.1.1 Board Layout Recommendation to Improve PSRR and Noise Performance
To improve ac measurements such as PSRR, output noise, and transient response, TI recommends that the
board be designed with separate ground planes for VIN and VOUT, with each ground plane connected only at the
ground pin of the device. In addition, connect the ground connection for the bypass capacitor directly to the
ground pin of the device.
10.2 Layout Example
(1)
The EN pin is active low.
Figure 38. Layout Example (6-Pin DBV Package)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com