Electronic Components Datasheet Search
  English  ▼

X  

TPS3813 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS3813
Description  TPS3813xxx Family Processor Supervisory Circuits With Window-Watchdog
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS3813 Datasheet(HTML) 3 Page - Texas Instruments

  TPS3813 Datasheet HTML 1Page - Texas Instruments TPS3813 Datasheet HTML 2Page - Texas Instruments TPS3813 Datasheet HTML 3Page - Texas Instruments TPS3813 Datasheet HTML 4Page - Texas Instruments TPS3813 Datasheet HTML 5Page - Texas Instruments TPS3813 Datasheet HTML 6Page - Texas Instruments TPS3813 Datasheet HTML 7Page - Texas Instruments TPS3813 Datasheet HTML 8Page - Texas Instruments TPS3813 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
4 Device Comparison Table
TA (1)
DEVICE NAME
THRESHOLD VOLTAGE
MARKING
–40°C to +85°C
TPS3813J25DBV
2.25V
PCDI
TPS3813L30DBV
2.64V
PEZI
TPS3813K33DBV
2.93V
PFAI
TPS3813I50DBV
4.55V
PFBI
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the
device product folder at www.ti.com.
5 Pin Configuration and Functions
3
2
4
6
1
5
GND
WDT
V
DD
RESET
WDI
WDR
Figure 5-1. DBV Package
6-Pin SOT-23
Top View
Table 5-1. Pin Functions
PIN
I/O
DESCRIPTION
NO.
NAME
1
WDI
I
Watchdog timer input. This input must be driven at all times and not left floating.
2
GND
I
Ground
3
WDT
I
Programmable watchdog delay input
4
VDD
I
Supply voltage and supervising input
5
WDR
I
Selectable watchdog window ratio input. This input must be tied to VDD or GND and not left floating.
6
RESET
O
Open-drain reset output
www.ti.com
TPS3813
SLVS331J – DECEMBER 2000 – REVISED AUGUST 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TPS3813



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com