Electronic Components Datasheet Search
  English  ▼

X  

TPS3813 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS3813
Description  TPS3813xxx Family Processor Supervisory Circuits With Window-Watchdog
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS3813 Datasheet(HTML) 5 Page - Texas Instruments

  TPS3813 Datasheet HTML 1Page - Texas Instruments TPS3813 Datasheet HTML 2Page - Texas Instruments TPS3813 Datasheet HTML 3Page - Texas Instruments TPS3813 Datasheet HTML 4Page - Texas Instruments TPS3813 Datasheet HTML 5Page - Texas Instruments TPS3813 Datasheet HTML 6Page - Texas Instruments TPS3813 Datasheet HTML 7Page - Texas Instruments TPS3813 Datasheet HTML 8Page - Texas Instruments TPS3813 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
6.4 Thermal Information
THERMAL METRIC (1)
TPS3813xxx
UNIT
DBV (SOT-23)
6 PINS
RθJA
Junction-to-ambient thermal resistance
208.5
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
123.3
°C/W
RθJB
Junction-to-board thermal resistance
37.2
°C/W
ψJT
Junction-to-top characterization parameter
14.6
°C/W
ψJB
Junction-to-board characterization parameter
36.3
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
n/a
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.5 Electrical Characteristics
Over recommended operating free-air temperature range (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP MAX
UNIT
VOL
Low-level output voltage
VDD = 2V to 6V, IOL = 500µA
0.2
V
VDD = 3.3V IOL = 2mA
0.4
VDD = 6V, IOL = mA
0.4
VPOR
Power up reset voltage (1)
VDD ≥ 1.1V, IOL = 50µA
0.2
V
VIT
Negative-going input threshold
voltage (2)
TPS3813J25
TA = –40°C to +85°C
2.2
2.25
2.3
V
TPS3813L30
2.58
2.64
2.7
TPS3813K33
2.87
2.93
3
TPS3813I50
4.45
4.55
4.65
VHYS
Hysteresis
TPS3813J25
30
mV
TPS3813L30
35
TPS3813K33
40
TPS3813I50
60
IIH
High-level input current
WDI, WDR
WDI = VDD = 6V, WDR = VDD = 6V
–25
25
nA
WDT
WDT = VDD = 6V, VDD > VIT, RESET = High
–100
100
IIL
Low-level input current
WDI, WDR
WDI = 0V, WDR = 0V, VDD = 6V
–25
25
WDT
WDT = 0V, VDD > VIT, RESET = High
–100
100
IOH
High-level output current
VDD = VIT + 0.2V, VOH = VDD
25
nA
IDD
Supply current
VDD = 2V output unconnected
9
13
µA
VDD = 5V output unconnected
20
25
Ci
Input capacitance
VI = 0V to VDD
5
pF
(1)
The lowest supply voltage at which RESET becomes active. tr, VDD ≥ 15µs/V.
(2)
To provide best stability of the threshold voltage, a bypass capacitor (ceramic, 0.1µF) must be placed near to the supply terminals.
6.6 Timing Requirements
At RL = 1MΩ, CL = 50pF, and TA = –40°C to +85°C.
MIN
TYP
MAX
UNIT
tGI_VIT Glitch immunity VIT (Pulse width at VDD)
VDD = VIT + 0.2V, VDD = VIT – 0.2V
3
µs
www.ti.com
TPS3813
SLVS331J – DECEMBER 2000 – REVISED AUGUST 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: TPS3813



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com