Electronic Components Datasheet Search
  English  ▼

X  

TPS3813 Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS3813
Description  TPS3813xxx Family Processor Supervisory Circuits With Window-Watchdog
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS3813 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS3813 Datasheet HTML 9Page - Texas Instruments TPS3813 Datasheet HTML 10Page - Texas Instruments TPS3813 Datasheet HTML 11Page - Texas Instruments TPS3813 Datasheet HTML 12Page - Texas Instruments TPS3813 Datasheet HTML 13Page - Texas Instruments TPS3813 Datasheet HTML 14Page - Texas Instruments TPS3813 Datasheet HTML 15Page - Texas Instruments TPS3813 Datasheet HTML 16Page - Texas Instruments TPS3813 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
The TPS3813xxx is a voltage supervisor that incorporates a window-watchdog timer, allowing for comprehensive
supervision of microcontrollers and other similar devices. The TPS3813xxx can be operated from a VDD rail of
2V to 6V with a user-programmable watchdog time-out from 0.25s to 2.5s. The following sections describe how
to properly use this device, depending on the requirements of the final application.
8.2 Typical Application
A typical application example (see Figure 8-1) is used to describe the function of the watchdog in more detail. To
configure the window watchdog function, two pins are provided by the TPS3813xxx. These pins set the window
time-out and ratio. The window watchdog ratio is a fixed ratio, which determines the lower boundary of the
window frame. It can be configured in two different frame sizes.
WDI
WDR
WDT
GND
TPS3813
I/O
GND
Position 1
Position 2
Position 3
Position 5
Position 4
R1
R2
(A)
μC
C
(ext)
V
DD
V
DD
V
DD
V
DD
V
DD
RESET
RESET
Copyright © 2016, Texas Instruments Incorporated
0.1 F
0.1 F
A.
Use this pulldown resistor if a GPIO pin is used to drive the WDI input pin of the TPS3813xxx to keep the WDI pin from floating during
power up.
Figure 8-1. Application Example
8.2.1 Design Requirements
The TPS3813xxx RESET output can be used to drive the RESET pin of a microcontroller to initiate a reset
event. The RESET pin of the TPS3813xxx can be pulled high with a 1MΩ resistor; the watchdog window
timing is controlled by the WDT and WDR pins, and is set depending on the reset requirement times of the
microprocessor.
www.ti.com
TPS3813
SLVS331J – DECEMBER 2000 – REVISED AUGUST 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TPS3813



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com