Electronic Components Datasheet Search
  English  ▼

X  

TPS3813 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS3813
Description  TPS3813xxx Family Processor Supervisory Circuits With Window-Watchdog
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS3813 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS3813 Datasheet HTML 2Page - Texas Instruments TPS3813 Datasheet HTML 3Page - Texas Instruments TPS3813 Datasheet HTML 4Page - Texas Instruments TPS3813 Datasheet HTML 5Page - Texas Instruments TPS3813 Datasheet HTML 6Page - Texas Instruments TPS3813 Datasheet HTML 7Page - Texas Instruments TPS3813 Datasheet HTML 8Page - Texas Instruments TPS3813 Datasheet HTML 9Page - Texas Instruments TPS3813 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
6.7 Switching Characteristics
At RL = 1MΩ, CL = 50pF, and TA = –40°C to +85°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
td
Delay time
VDD ≥ VIT + 0.2V, See Figure 6-1
20
25
30
ms
tt(out) Watchdog time-out
Upper limit
WDT = 0V
0.2
0.25
0.3
s
WDT = VDD
2
2.5
3
WDT = programmable (1)
See (2)
ms
Watchdog window ratio
WDR = 0V, WDT = 0V
1:31.8
WDR = 0V, WDT = VDD
1:32
WDR = 0V, WDT = programmable
1:25.8
WDR = VDD, WDT = 0V
1:124.9
WDR = VDD, WDT = VDD
1:127.7
WDR = VDD, WDT = programmable
1:64.5
tPHL
Propagation (delay) time,
high-to-low-level output
VDD to RESET delay
VIL = VIT – 0.2V, VIH = VIT + 0.2V
30
50
µs
(1)
155pF < C(ext) < 63nF
(2)
(C(ext) ÷ 15.55pF + 1) × 6.25ms
6.8 Dissipation Ratings
PACKAGE
TA < 25°C POWER
RATING
DERATING FACTOR
ABOVE TA = 25°C
TA = 70°C
POWER RATING
TA = 80°C
POWER RATING
DBV
437mW
3.5mW/°C
280mW
227mW
VDD
td
td
td
VIT
1.1 V
RESET
Output Condition
Undefined
WDI
1st Window
Without Lower
Boundary
2nd Window
With Lower
Boundary
3rd Window
With Lower
Boundary
Trigger Pulse
Lower Window
Boundary
1st Window
Without Lower
Boundary
1st Window
Without Lower
Boundary
2nd Window
With Lower
Boundary
3rd Window
With Lower
Boundary
t
t
t
Output Condition
Undefined
Figure 6-1. Timing Diagram
TPS3813
SLVS331J – DECEMBER 2000 – REVISED AUGUST 2024
www.ti.com
6
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TPS3813



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com