Electronic Components Datasheet Search
  English  ▼

X  

TPS3813 Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS3813
Description  TPS3813xxx Family Processor Supervisory Circuits With Window-Watchdog
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS3813 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS3813 Datasheet HTML 4Page - Texas Instruments TPS3813 Datasheet HTML 5Page - Texas Instruments TPS3813 Datasheet HTML 6Page - Texas Instruments TPS3813 Datasheet HTML 7Page - Texas Instruments TPS3813 Datasheet HTML 8Page - Texas Instruments TPS3813 Datasheet HTML 9Page - Texas Instruments TPS3813 Datasheet HTML 10Page - Texas Instruments TPS3813 Datasheet HTML 11Page - Texas Instruments TPS3813 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
7 Detailed Description
7.1 Overview
The TPS3813xxx family of supervisory circuits provide circuit initialization and timing supervision signals. During
power on, RESET is asserted (low) when the supply voltage (VDD) increases above 1.1V. Thereafter, the
supervisory circuit monitors VDD and keeps RESET low as long as VDD remains below the threshold voltage
(VIT). Once VDD increases above VIT, an internal timer delays the deassertion of the output to allow for a proper
system reset before RESET transitions to a high state. The delay time (td) is 25ms typical and starts after VDD
rises above the VIT. When the supply voltage drops below VIT, the output transitions low again. All the devices of
this family have a fixed threshold voltage set by an internal voltage divider.
The TPS3813xxx family incorporates a so-called window-watchdog timer, which has a programmable delay
and window ratio. The supervised processor must trigger the WDI pin of the TPS3813xxx within the user-
programmable window to keep RESET from asserting. The upper limit of the watchdog time-out can be set by
either connecting WDT to GND, VDD, or using an external capacitor. The lower limit and thus the window ratio is
set by connecting WDR to GND or VDD.
7.2 Functional Block Diagram
RESET
WDT
_
+
Rising Edge
Detection
Watchdog
Ratio
Detection
Reset Logic
and Timer
Bandgap
Voltage
Reference
Oscillator
Detection
Circuit
WDI
WDR
GND
VDD
Power t o c ircuitry
GND
R2
R1
GND
GND
Copyright © 2016, Texas Instruments Incorporated
7.3 Feature Description
The TPS3813xxx family incorporates both a voltage supervisor and a window-watchdog timer into a single
device. The device monitors the input voltage and the supervised processor must trigger the WDI pin of the
TPS3813xxx within the user-programmable window to keep RESET from asserting.
TPS3813
SLVS331J – DECEMBER 2000 – REVISED AUGUST 2024
www.ti.com
8
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TPS3813



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com