Electronic Components Datasheet Search
  English  ▼

X  

TPS3813 Datasheet(PDF) 12 Page - Texas Instruments

Part # TPS3813
Description  TPS3813xxx Family Processor Supervisory Circuits With Window-Watchdog
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS3813 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS3813 Datasheet HTML 8Page - Texas Instruments TPS3813 Datasheet HTML 9Page - Texas Instruments TPS3813 Datasheet HTML 10Page - Texas Instruments TPS3813 Datasheet HTML 11Page - Texas Instruments TPS3813 Datasheet HTML 12Page - Texas Instruments TPS3813 Datasheet HTML 13Page - Texas Instruments TPS3813 Datasheet HTML 14Page - Texas Instruments TPS3813 Datasheet HTML 15Page - Texas Instruments TPS3813 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
7.5.2 Programmable Window-Watchdog by Using an External Capacitor
The upper boundary of the watchdog timer can be set by an external capacitor connected between the WDT
pin and GND. Common consumer electronic capacitors can be used to implement this feature. They must
have low ESR, low leakage (< 5nA) and low tolerances because the tolerances have to be considered if the
calculations are performed. The first formula is used to calculate the upper window frame. After calculating the
upper window frame, the lower boundary can be calculated. As in the last example, the most important values
are the tboundary,max and twindow,min. The trigger pulse has to fit into this window frame.
The external capacitor must have a value between a minimum of 155pF and a maximum of 63nF.
Table 7-3. Setting Upper Window Using External Capacitor
SELECTED OPERATION MODE
WINDOW FRAME
WDT = external capacitor C(ext)
WDR = 0V and WDR = VDD
twindow,max = 1.25 × twindow,typ
twindow,min = 0.75 × twindow,typ
t
window,typ +
C
(ext)
15.55 pF )
1
6.25 ms
(2)
7.5.3 Lower Boundary Calculation
The lower boundary can be calculated based on the values given in Section 6.7 . Additionally, facts must be
considered to verify that the lower boundary is where it is expected. Because the internal oscillator of the window
watchdog is running free, any rising edge at the WDI pin is considered at the next internal clock cycle. This
happens regardless of the external source. Because the shift between internal and external clock is not known, it
is best to consider the worst-case condition for calculating this value.
Table 7-4. Setting Lower Boundary Using External Cap
SELECTED OPERATION MODE
LOWER BOUNDARY OF FRAME
WDT = external capacitor C(ext)
WDR = 0V
tboundary,max = twindow,max / 23.5
tboundary,typ = twindow,typ / 25.8
tboundary,min = twindow,min / 28.7
WDR = VDD
tboundary,max = twindow,max / 51.6
tboundary,typ = twindow,typ / 64.5
tboundary,min = twindow,min / 92.7
7.5.4 Watchdog Software Considerations
To benefit from the window watchdog feature and help the watchdog timer monitor the software execution more
closely, TI recommends that the watchdog be set and reset at different points in the program rather than pulsing
the watchdog input periodically by using the prescaler of a microcontroller or DSP. Furthermore, the watchdog
trigger pulses must be set to different timings inside the window frame to release a defined reset, if the program
must hang in any subroutine. This allows the window watchdog to detect time-outs of the trigger pulse, as well
as pulses that distort the lower boundary.
7.5.5 Power-Up Considerations
Many microcontrollers use general-purpose input and output (GPIO) pins that can be programmed to be either
inputs or outputs. During power-up, these I/O pins are typically configured as inputs. If a GPIO pin is used to
drive the WDI input pin of the TPS3813xxx, then a pulldown resistor (shown as R2 in Figure 8-1) must be added
to keep the WDI pin from floating during power up.
TPS3813
SLVS331J – DECEMBER 2000 – REVISED AUGUST 2024
www.ti.com
12
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TPS3813



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com