Electronic Components Datasheet Search
  English  ▼

X  

TPS3813 Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS3813
Description  TPS3813xxx Family Processor Supervisory Circuits With Window-Watchdog
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS3813 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS3813 Datasheet HTML 7Page - Texas Instruments TPS3813 Datasheet HTML 8Page - Texas Instruments TPS3813 Datasheet HTML 9Page - Texas Instruments TPS3813 Datasheet HTML 10Page - Texas Instruments TPS3813 Datasheet HTML 11Page - Texas Instruments TPS3813 Datasheet HTML 12Page - Texas Instruments TPS3813 Datasheet HTML 13Page - Texas Instruments TPS3813 Datasheet HTML 14Page - Texas Instruments TPS3813 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
7.5 Programming
7.5.1 Implementing Window-Watchdog Settings
There are two ways to configure the watchdog timer window the most flexible is to connect a capacitor to WDT
to set the upper boundary of the window watchdog while connecting WDR to either VDD or GND, thus setting the
lower boundary. The other way to configure the timing is by wiring the WDT and WDR pin to either VDD or GND.
By hard-wiring the pins to either VDD or GND there are four different timings available; these settings are listed in
Table 7-2.
Table 7-2. Cap-Free Timer Settings
SELECTED OPERATION MODE
WINDOW FRAME
LOWER WINDOW FRAME
WDT = 0V
WDR = 0V
Max = 0.3s
Max = 9.46ms
Typ = 0.25s
Typ = 7.86ms
Min = 0.2s
Min = 6.27ms
WDR = VDD
Max = 0.3s
Max = 2.43ms
Typ = 0.25s
Typ = 2ms
Min = 0.2s
Min = 1.58ms
WDT = VDD
WDR = 0V
Max = 3s
Max = 93.8ms
Typ = 2.5s
Typ = 78.2ms
Min = 2s
Min = 62.5ms
WDR = VDD
Max = 3s
Max = 23.5ms
Typ = 2.5s
Typ = 19.6ms
Min = 2s
Min = 15.6ms
To visualize the values named in the table, a timing diagram was prepared. It is used to describe the upper and
lower boundary settings. For an application, the important boundaries are the tboundary,max and twindow,min. Within
these values, the watchdog timer must be retriggered to avoid a time-out condition or a boundary violation in
the event of a trigger pulse in the lower boundary. The values in the table above are typical and worst-case
conditions and are valid over the whole temperature range of –40°C to +85°C.
The shaded areas shown in Figure 7-2 are cases where undefined operation can happen. This device can not
detect a violation if a WDI pulse occurs within these three shaded areas. The first shaded area addresses the
situation of two consecutive rising edges occur within a quick amount of time. The typical time between rising
edges must be more than 500µs. The second and third shaded areas are defined by the min and max variance
of the lower boundary (tboundary) and upper boundary ( twindow). Set the WDI rising edge within the tboundary,max
and twindow,min for correct operation.
Window Frame to Reset the WDI
Detection of
Rising Edge
WDI
twindow,min
twindow,typ
twindow,max
boundary,min
t
tboundary,max
tboundary,typ
t
Figure 7-2. Upper and Lower Boundary Visualization
www.ti.com
TPS3813
SLVS331J – DECEMBER 2000 – REVISED AUGUST 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: TPS3813



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com