Electronic Components Datasheet Search
  English  ▼

X  

TPS3813 Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS3813
Description  TPS3813xxx Family Processor Supervisory Circuits With Window-Watchdog
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS3813 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS3813 Datasheet HTML 6Page - Texas Instruments TPS3813 Datasheet HTML 7Page - Texas Instruments TPS3813 Datasheet HTML 8Page - Texas Instruments TPS3813 Datasheet HTML 9Page - Texas Instruments TPS3813 Datasheet HTML 10Page - Texas Instruments TPS3813 Datasheet HTML 11Page - Texas Instruments TPS3813 Datasheet HTML 12Page - Texas Instruments TPS3813 Datasheet HTML 13Page - Texas Instruments TPS3813 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
7.3.2 User-Programmable Watchdog Timer (WDI)
The TPS3813xxx family of devices have a watchdog timer that must be periodically triggered by either a positive
or negative transition at the WDI pin to avoid a reset signal being issued. When the supervising system fails to
retrigger the watchdog circuit within the time-out interval, tt(out), RESET becomes asserts for the time period td.
This event also reinitializes the watchdog timer. After the reset of the supervisor is released, the lower boundary
of the first WDI window is disabled. After the first WDI low-to-high transition is detected, the lower boundary
function of the window is enabled. All further WDI pulses must fit into the configured window frame.
Both the upper and lower boundary of the window can be adjusted by the user. See Section 7.5 for more details
on how to set the upper and lower boundaries of the window.
7.3.3 RESET Output
RESET remains high (deasserted) as long as VDD is above the threshold voltage (VIT) and the user-programable
watchdog timer criteria are met. If VDD falls below the VIT or if WDI is not triggered within the appropriate window,
then RESET is asserted, driving the RESET pin to a low impedance.
When VDD is once again above VIT, a delay circuit is enabled that holds RESET low for a specified reset delay
period (td) which is 25ms typical. When the reset delay has elapsed, the RESET pin goes to a high-impedance
state and uses a pullup resistor to hold RESET high. Connect the pullup resistor to the proper voltage rail to
enable the outputs to be connected to other devices at the correct interface voltage level. RESET can be pulled
up to any voltage up to 6V, independent of the device supply voltage. To ensure proper voltage levels, give some
consideration when choosing the pullup resistor value and consider the required low-level output voltage (VOL),
the output capacitive loading, and the output leakage current.
7.4 Device Functional Modes
Table 7-1 summarizes the various functional modes of the device.
Table 7-1. TPS3813xxx Function/Truth Table
VDD
WDI
RESET
VDD < VPOR
—
Undefined
VPOR < VDD < VIT
—
L
VDD > VIT
Outside window
L
VDD > VIT
Inside window
H
7.4.1 Normal Operation (VDD > VIT)
When VDD is greater than VIT, the RESET signal is determined by the last WDI pulse.
• WDI pulse inside window: as long as pulses occur within the user-programmable window, the RESET signal
remains high.
• WDI pulse outside window: if a pulse occurs outside the user-programmable window or not at all, the RESET
signal goes low.
7.4.2 Above Power-On Reset But Less Than Threshold (VPOR < VDD < VIT)
When the voltage on VDD is less than the VIT voltage, and greater than the power-on reset voltage (VPOR), the
RESET signal is asserted regardless of the WDI signal.
7.4.3 Below Power-On Reset (VDD < VPOR)
When the voltage on VDD is lower than VPOR, the device does not have enough voltage to internally pull the
asserted output low, and RESET is undefined and must not be relied upon for proper device function.
TPS3813
SLVS331J – DECEMBER 2000 – REVISED AUGUST 2024
www.ti.com
10
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TPS3813



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com