Electronic Components Datasheet Search
  English  ▼

X  

TPS3813 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS3813
Description  TPS3813xxx Family Processor Supervisory Circuits With Window-Watchdog
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS3813 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS3813 Datasheet HTML 5Page - Texas Instruments TPS3813 Datasheet HTML 6Page - Texas Instruments TPS3813 Datasheet HTML 7Page - Texas Instruments TPS3813 Datasheet HTML 8Page - Texas Instruments TPS3813 Datasheet HTML 9Page - Texas Instruments TPS3813 Datasheet HTML 10Page - Texas Instruments TPS3813 Datasheet HTML 11Page - Texas Instruments TPS3813 Datasheet HTML 12Page - Texas Instruments TPS3813 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
7.3.1 Input Voltage (VDD)
VDD pin is monitored by the internal comparator with integrated reference to indicate when VDD falls below the
fixed threshold voltage. VDD also functions as the supply for the following:
• Internal bandgap (reference voltage)
• Internal regulator
• State machine
• Buffers
• Other control logic blocks
Good design practice involves placing a 0.1µF to 1µF bypass capacitor at VDD input for noisy applications and
to make sure enough charge is available for the device to power up correctly. The reset output is undefined
when VDD is below VPOR.
7.3.1.1 VDD Hysteresis
The internal comparator has built-in hysteresis to avoid erroneous output reset release. If the voltage at the VDD
pin falls below the falling voltage threshold VIT, the output reset is asserted. When the voltage at the VDD pin
rises above the rising voltage threshold (VIT+ = VIT + VHYS), the output reset is deasserted after tD reset time
delay.
7.3.1.2 VDD Glitch Immunity
These devices are immune to quick voltage transient or excursion on VDD. Sensitivity to transients depends on
both pulse duration (tGI_VIT) found in Section 6.6 and transient overdrive. Overdrive is defined by how much VDD
exceeds the specified threshold. Threshold overdrive is calculated as a percent of the threshold in question, as
shown in Equation 1.
Overdrive = | ((VDD / VIT) – 1) × 100% |
(1)
where
• VIT = VIT- is the threshold voltage
• VIT+ = VIT + VHYS is the rising threshold voltage
• VDD is the input voltage crossing VIT
Overdrive
Pulse
Duration
VDD
V
IT-
V
IT+
Figure 7-1. Overdrive Versus Pulse Duration
TPS3813xxx devices have built-in glitch immunity (tGI_VIT) as shown in Section 6.6 . Figure 7-1 shows that VDD
must fall below VIT for tGI_VIT, otherwise the faling transistion is ignored. When VDD falls below VIT for tGI_VIT,
RESET transitions low to indicate a fault condition after the propagation delay high-to-low (tPHL). When VDD
rises above VIT+ = VIT + VHYS, RESET deasserts to a logic high indicating there is no more fault condition only if
VDD remains above VIT+ for longer than the reset delay (tD).
www.ti.com
TPS3813
SLVS331J – DECEMBER 2000 – REVISED AUGUST 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: TPS3813



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com