Electronic Components Datasheet Search
  English  ▼

X  

TPS3813 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS3813
Description  TPS3813xxx Family Processor Supervisory Circuits With Window-Watchdog
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS3813 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS3813 Datasheet HTML 3Page - Texas Instruments TPS3813 Datasheet HTML 4Page - Texas Instruments TPS3813 Datasheet HTML 5Page - Texas Instruments TPS3813 Datasheet HTML 6Page - Texas Instruments TPS3813 Datasheet HTML 7Page - Texas Instruments TPS3813 Datasheet HTML 8Page - Texas Instruments TPS3813 Datasheet HTML 9Page - Texas Instruments TPS3813 Datasheet HTML 10Page - Texas Instruments TPS3813 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
6.9 Typical Characteristics
VDD − Supply Voltage − V
14
12
10
8
0
1
2
3
16
18
20
4
6
6
4
2
0
5
0 C
°
85 C
°
−40 C
°
25 C
°
WDI = GND,
WDT = GND,
WDR = GND
Figure 6-2. Supply Current vs Supply Voltage
IOL − Low-Level Output Current − mA
1.25
1
0.75
0.50
0
1
2
3
1.50
1.75
2
4
5
7
0 C
°
85 C
°
−40 C
°
25 C
°
0.25
0
6
VDD = 2 V,
WDI = GND,
WDT = GND,
WDR = GND
Figure 6-3. Low-Level Output Voltage vs Low-Level
Output Current
VI − Input Voltage at WDT − V
400
200
0
−200
0
1
2
3
600
800
1000
4
5
6
0 C
°
85 C
°
−40 C
°
25 C
°
−400
−600
−800
−1000
VDD = 6 V,
WDI = GND,
WDR = GND
Figure 6-4. Input Current vs Input Voltage at WDT
TA − Free-Air Temperature At VDD − °C
0.998
0.997
0.996
0.995
−40
−20
0
20
0.999
1.000
1.001
40
60
80
WDI = Triggered,
WDR = GND,
WDT = GND
Figure 6-5. Normalized Input Threshold Voltage vs
Free-Air Temperature at VDD
VDD − Threshold Overdrive Voltage − V
14
12
10
8
0
0.2
0.4
0.6
16
18
20
0.8
1
1.4
6
4
2
0
1.2
Figure 6-6. Minimum Pulse Duration at VDD vs VDD Threshold Overdrive Voltage
www.ti.com
TPS3813
SLVS331J – DECEMBER 2000 – REVISED AUGUST 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TPS3813



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com