Electronic Components Datasheet Search
  English  ▼

X  

DIX4192 Datasheet(PDF) 51 Page - Texas Instruments

Part # DIX4192
Description  DIX4192 Integrated Digital Audio Interface Receiver and Transmitter
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DIX4192 Datasheet(HTML) 51 Page - Texas Instruments

Back Button DIX4192 Datasheet HTML 47Page - Texas Instruments DIX4192 Datasheet HTML 48Page - Texas Instruments DIX4192 Datasheet HTML 49Page - Texas Instruments DIX4192 Datasheet HTML 50Page - Texas Instruments DIX4192 Datasheet HTML 51Page - Texas Instruments DIX4192 Datasheet HTML 52Page - Texas Instruments DIX4192 Datasheet HTML 53Page - Texas Instruments DIX4192 Datasheet HTML 54Page - Texas Instruments DIX4192 Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 71 page
background image
51
DIX4192
www.ti.com
SBFS031F – FEBRUARY 2006 – REVISED SEPTEMBER 2016
Product Folder Links: DIX4192
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
10 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
10.1 Application Information
Typical application diagrams and power-supply connections are presented in this section to aid the customer in
hardware designs employing the DIX4192 device.
Figure 69 shows typical application connections for the DIX4192 using an SPI host interface. The SPI host will
typically be a microcontroller, digital signal processor, or programmable logic device. In addition to providing the
SPI bus master, the host may be used to process interrupt and flag outputs from the DIX4192. The audio serial
ports are connected to external digital audio devices, which may include data converters, digital signal
processors, digital audio interface receivers or transmitters, or other logic devices. The DIR inputs and DIT
outputs are connected to line, optical, or logic interfaces (see Receiver Input Interfacing and Transmitter Output
Interfacing). Master and DIR reference clock sources are also shown.
Figure 70 shows typical application connections for the DIX4192 using an I2C bus interface. The I2C bus master
will typically be a microcontroller, digital signal processor, or programmable logic device. In addition to providing
the I2C bus master, the host may be used to process interrupt and flag outputs from the DIX4192. Pullup
resistors are connected from SCL (pin 20) and SDA (pin 22) to the VIO supply rail. These resistors are required
for the open drain outputs of the I2C interface. All other connections to the DIX4192 are the same as the SPI host
case discussed previously.
Figure 71 shows the recommended power-supply connections and bypassing for the DIX4192. In this case, it is
assumed that the VIO, VDD33, and VCC supplies are powered from the same 3.3-V power source. The VDD18
core supply is powered from a separate supply, or derived from the 3.3-V supply using a linear voltage regulator,
as shown with the optional regulator circuitry of Figure 71.
The 0.1-μF bypass capacitors are surface-mount X7R ceramic, and must be located as close to the device as
possible. These capacitors must be connected directly between the supply and corresponding ground pins of the
DIX4192. The ground pin is then connected directly to the ground plane of the printed circuit board (PCB). The
larger value capacitors, shown connected in parallel to the 0.1-μF capacitors, are recommended. At a minimum,
there must at least be footprints on the PCB for installation of these larger capacitors, so that experiments can be
run with and without the capacitors installed, in order to determine the effect on the measured performance of the
DIX4192. The larger value capacitors can be surface-mount X7R multilayer ceramic or tantalum chip.
The substrate ground, BGND (pin 44), must be connected by a PCB trace to AGND (pin 10). The AGND pin is
then connected directly to the ground plane. This connection helps to reduce noise in the DIR section of the
device, aiding the overall jitter and noise tolerance for the receiver.
A series resistor is shown between the 3.3-V supply and VCC (pin 9) connection. This resistor combines with the
bypass capacitors to create a simple RC filter to remove higher frequency components from the VCC supply. The
series resistor must be a metal film type for best filtering characteristics. As a substitute for the resistor, a ferrite
bead can be used, although it may have to be physically large in order to contribute to the filtering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com