Electronic Components Datasheet Search
  English  ▼

X  

DIX4192 Datasheet(PDF) 55 Page - Texas Instruments

Part # DIX4192
Description  DIX4192 Integrated Digital Audio Interface Receiver and Transmitter
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DIX4192 Datasheet(HTML) 55 Page - Texas Instruments

Back Button DIX4192 Datasheet HTML 51Page - Texas Instruments DIX4192 Datasheet HTML 52Page - Texas Instruments DIX4192 Datasheet HTML 53Page - Texas Instruments DIX4192 Datasheet HTML 54Page - Texas Instruments DIX4192 Datasheet HTML 55Page - Texas Instruments DIX4192 Datasheet HTML 56Page - Texas Instruments DIX4192 Datasheet HTML 57Page - Texas Instruments DIX4192 Datasheet HTML 58Page - Texas Instruments DIX4192 Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 71 page
background image
SN74LVC1G125
orEquivalent
0.1mF
T RX+
o
ToRX-
From+5VLogic
(TTLorCMOS)
VDD33
5
2
3
1
4
SN74AVC1T45
orEquivalent
0.1mF
T RX+
o
ToRX-
From+1.8Vor+2.5V
CMOSLogic
+1.8Vor+2.5V
5
VDD33
6
3
1
2
4
(1)ToshibaTORX173,TORX176,TORX179,orequivalent.
+5V
SN74LVC1G125
orEquivalent
0.1mF
T RX+
o
ToRX-
All-Plastic
(5or10metersmaximum)
Optical
Receiver
(1)
VDD33
5
2
3
1
4
55
DIX4192
www.ti.com
SBFS031F – FEBRUARY 2006 – REVISED SEPTEMBER 2016
Product Folder Links: DIX4192
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
Application Information (continued)
Figure 75. Interfacing to a 5-V Optical Receiver Module
The DIX4192 line receivers may also be driven directly from external logic or line receiver devices with TTL or
CMOS outputs. If the logic driving the line receiver is operated from 3.3 V, then logic level translation will not be
required. However, if the external logic is operated from a power-supply voltage that exceeds the maximum
VDD33 supply voltage of the DIX4192, or operates from a supply voltage lower than 3.3 V, then level translation
is required. Figure 76 shows the recommended logic level translation methods, using buffers and level
translators available from Texas Instruments.
Figure 76. CMOS and TTL Input Logic Interface
10.1.3 Transmitter Output Interfacing
This section details the recommended interfaces for the DIX4192 transmitter line driver and CMOS-buffered
outputs. Balanced and unbalanced line interfaces, in addition to optical transmitter and external logic interfacing,
will be discussed.
For professional digital audio interfaces, 110-
Ω balanced line interfaces are either required or preferred.
Transformer coupling is commonly employed to provide isolation and to improve common-mode noise
performance. Figure 77 shows the recommended transformer-coupled balanced line driver interface for the
DIX4192. The transformer is specified for a 1:1 turn ratio, and must exhibit low inter-winding capacitance for best
performance. To eliminate residual DC bias, a 0.1-μF capacitor is used for AC-coupling the transformer to the
line driver outputs. The coupling capacitor must be a surface-mount ceramic chip type with an X7R or C0G
dielectric.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com