Electronic Components Datasheet Search
  English  ▼

X  

ISO5451 Datasheet(PDF) 24 Page - Texas Instruments

Part # ISO5451
Description  ISO5451-Q1 High-CMTI 2.5-A and 5-A Isolated IGBT, MOSFET Gate Driver With Active Protection Features
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO5451 Datasheet(HTML) 24 Page - Texas Instruments

Back Button ISO5451 Datasheet HTML 20Page - Texas Instruments ISO5451 Datasheet HTML 21Page - Texas Instruments ISO5451 Datasheet HTML 22Page - Texas Instruments ISO5451 Datasheet HTML 23Page - Texas Instruments ISO5451 Datasheet HTML 24Page - Texas Instruments ISO5451 Datasheet HTML 25Page - Texas Instruments ISO5451 Datasheet HTML 26Page - Texas Instruments ISO5451 Datasheet HTML 27Page - Texas Instruments ISO5451 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 39 page
background image
15
9 ,16
11
10
12
13
14
IN -
IN +
RDY
RST
10 k
10 k
FLT
VCC1
0. 1 µ F
GND 1
3 V - 5 V
10 R
ISO 5451 ± Q1
µ C
Copyright © 2016, Texas Instruments Incorporated
1 k
OUT
DESAT
GND2
VCC2
NC
15 V
1 F
DDST
VEE2
CLAMP
3
1,8
5
4
6
2
7
15
9,16
11
10
12
13
14
0.1 F
3 V to 5.5 V
220
pF
ISO5451-Q1
10 k
10 k
10
RG
IN±
IN+
RDY
VCC1
GND1
FLT
RST
Copyright © 2016, Texas Instruments Incorporated
1 k
OUT
DESAT
GND2
VCC2
NC
15 V
1 F
DDST
VEE2
CLAMP
3
1,8
5
4
6
2
7
15
9,16
11
10
12
13
14
IN±
IN+
RDY
VCC1
0.1 F
GND1
3 V to 5.5 V
220
pF
ISO5451-Q1
FLT
RST
10 k
10 k
10
RG
15 V
1 F
Copyright © 2016, Texas Instruments Incorporated
24
ISO5451-Q1
SLLSEQ3A – SEPTEMBER 2016 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: ISO5451-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
A 0.1-μF bypass capacitor, recommended at input supply pin VCC1 and 1-μF bypass capacitor, recommended at
output supply pin VCC2, provide the large transient currents necessary during a switching transition to ensure
reliable operation. The 220 pF blanking capacitor disables DESAT detection during the off-to-on transition of the
power device. The DESAT diode (DDST) and its 1-kΩ series resistor are external protection components. The RG
gate resistor limits the gate charge current and indirectly controls the IGBT collector voltage rise and fall times.
The open-drain FLT output and RDY output has a passive 10-k
Ω pullup resistor. In this application, the IGBT
gate driver is disabled when a fault is detected and will not resume switching until the microcontroller applies a
reset signal.
Figure 43. Unipolar Output Supply
Figure 44. Bipolar Output Supply
10.2.2.2 FLT and RDY Pin Circuitry
There is 50k pullup resistor internally on FLT and RDY pins. The FLT and RDY pin is an open-drain output. A 10-
k
Ω pullup resistor can be used to make it faster rise and to provide logic high when FLT and RDY is inactive, as
shown in Figure 45.
Fast common mode transients can inject noise and glitches on FLT and RDY pins due to parasitic coupling. This
is dependent on board layout. If required, additional capacitance (100 pF to 300 pF) can be included on the FLT
and RDY pins.
Figure 45. FLT and RDY Pin Circuitry for High CMTI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com